Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX06LTHTP Datasheet(PDF) 3 Page - Littelfuse

Part # QXX06LTHTP
Description  The Quadrac is an internally triggered Triac designed for AC switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX06LTHTP Datasheet(HTML) 3 Page - Littelfuse

  QXX06LTHTP Datasheet HTML 1Page - Littelfuse QXX06LTHTP Datasheet HTML 2Page - Littelfuse QXX06LTHTP Datasheet HTML 3Page - Littelfuse QXX06LTHTP Datasheet HTML 4Page - Littelfuse QXX06LTHTP Datasheet HTML 5Page - Littelfuse QXX06LTHTP Datasheet HTML 6Page - Littelfuse QXX06LTHTP Datasheet HTML 7Page - Littelfuse QXX06LTHTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
157
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 / 6 / 8 / 10 / 15 Amp Quadracs
QxxxxLTx Series
Trigger DIAC Specifications
Symbol
Test Conditions
Value
Unit
ΔV
BO
Breakover Voltage Symmetry
MAX.
3
V
V
BO
Breakover Voltage, forward and reverse
MIN.
33
V
MAX.
43
[ΔV±]
Dynamic Breakback Voltage, forward and reverse (note 1)
MIN.
5
V
I
BO
Peak Breakover Current
MAX.
25
uA
C
T
Trigger Firing Capacitance
MAX.
0.1
µF
(1) Reference test circuit in figure 10 and waveform in figure 11.
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Qxx04LT
3.6
°C/W
Qxx06LT /
Qxx06LTH
3.3
Qxx08LT /
Qxx08LTH
2.8
Qxx10LT /
Qxx10LTH
2.6
Qxx15LT /
Qxx15LTH
2.1
R
θ(J-A)
Junction to ambient
50
°C/W
Note : xx = voltage
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
T = 1.41 x IT(rms) A; tp = 380μs
MAX.
1.6
V
I
DRM / IRRM
V
DRM / VRRM
T
J = 25°C
MAX.
10
µA
T
J = 100°C
500
T
J = 125°C
2000


Similar Part No. - QXX06LTHTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX06L4 LITTELFUSE-QXX06L4 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
QXX06L5 LITTELFUSE-QXX06L5 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
QXX06LH4 LITTELFUSE-QXX06LH4 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
More results

Similar Description - QXX06LTHTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXXXXLTX LITTELFUSE-QXXXXLTX Datasheet
762Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching and phase control applications
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
HQ6025RH5 LITTELFUSE-HQ6025RH5 Datasheet
237Kb / 8P
   25Amp bi-directional Alternistor Triac is designed for AC switching and phase
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
   The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
   The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
   The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
   The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com