Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX04LTTP Datasheet(PDF) 5 Page - Littelfuse

Part # QXX04LTTP
Description  The Quadrac is an internally triggered Triac designed for AC switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX04LTTP Datasheet(HTML) 5 Page - Littelfuse

  QXX04LTTP Datasheet HTML 1Page - Littelfuse QXX04LTTP Datasheet HTML 2Page - Littelfuse QXX04LTTP Datasheet HTML 3Page - Littelfuse QXX04LTTP Datasheet HTML 4Page - Littelfuse QXX04LTTP Datasheet HTML 5Page - Littelfuse QXX04LTTP Datasheet HTML 6Page - Littelfuse QXX04LTTP Datasheet HTML 7Page - Littelfuse QXX04LTTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
159
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 / 6 / 8 / 10 / 15 Amp Quadracs
QxxxxLTx Series
Figure 7: Surge Peak On-State Current vs. Number of Cycles
Note: xx = voltage
1
10
100
1000
110
100
1000
Surge Current Duration -- Full Cycles
Qxx15LT/Qxx15LTH
Qxx04LT
Qxx10LT/Qxx10LTH
Qxx08LT/Qxx08LTH
Qxx06LT/Qxx06LTH
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS On-State Current: [I
T(RMS)]: Maximum Rated
Value at Specific Case Temperature
Notes:
1. Gate control may be lost during and immediately
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
-8%
-6%
-4%
-2%
0%
2%
4%
6%
-40-20
020406080100
120
140
Junction Temperature (T
J) -- °C
Figure 8: DIAC V
BO Change vs. Junction Temperature
D.U.T.
MT2
MT1
C
T = 0.1 µF
T
V
C
120 V
60 Hz
R
L
∆V+
∆V-
V
C
+V
BO
-V
BO
Figure 9:Test Circuit
Figure 10:Test Circuit Waveform


Similar Part No. - QXX04LTTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX04L3 LITTELFUSE-QXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04L3 LITTELFUSE-QXX04L3 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Qxx04L3 LITTELFUSE-Qxx04L3 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
QXX04L4 LITTELFUSE-QXX04L4 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04L4 LITTELFUSE-QXX04L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
More results

Similar Description - QXX04LTTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXXXXLTX LITTELFUSE-QXXXXLTX Datasheet
762Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching and phase control applications
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
HQ6025RH5 LITTELFUSE-HQ6025RH5 Datasheet
237Kb / 8P
   25Amp bi-directional Alternistor Triac is designed for AC switching and phase
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
   The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
   The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
   The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
   The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com