Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX25LH5TP Datasheet(PDF) 4 Page - Littelfuse

Part # QXX25LH5TP
Description  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25LH5TP Datasheet(HTML) 4 Page - Littelfuse

  QXX25LH5TP Datasheet HTML 1Page - Littelfuse QXX25LH5TP Datasheet HTML 2Page - Littelfuse QXX25LH5TP Datasheet HTML 3Page - Littelfuse QXX25LH5TP Datasheet HTML 4Page - Littelfuse QXX25LH5TP Datasheet HTML 5Page - Littelfuse QXX25LH5TP Datasheet HTML 6Page - Littelfuse QXX25LH5TP Datasheet HTML 7Page - Littelfuse QXX25LH5TP Datasheet HTML 8Page - Littelfuse QXX25LH5TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
120
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
25 Amp Standard & Alternistor (High Commutation) Triacs
Qxx25xx & Qxx25xHx Series
Thermal Resistances
Symbol
Parameter
Value
Unit
R
(J-C)
Junction to case (AC)
Qxx25R5 / Qxx25N5
Qxx25R6 / Qxx25NH6
Qxx25RH5 / Qxx25NH5
0.89
°C/W
Qxx25P5
1.6
Qxx25L6 / Qxx25LH5
2.0
Qxx25K6 / Qxx25J6
1.32
R
(J-A)
Junction to ambient
Qxx25Ry
45
°C/W
Qxx25L6 / Qxx25LH5
50
Note: xx = voltage, y = sensitivity
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
125
Junction Temperature (T
J) -- (ºC)
0.0
0.5
1.0
1.5
2.0
2.5
-40
-15
10
35
60
85
110
125
Junction Temperature (T
J) -- (°C)
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: On-State Current vs. On-State
Voltage (Typical)
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
125
Junction Temperature (T
J) -- (ºC)
T
J = 25°C
0
10
20
30
40
50
60
70
80
90
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Instantaneous On-state Voltage (v
T) – Volts
Qxx25R5
Qxx25N5
Qxx25P5/Qxx25R6
Qxx25L6/Qxx25NH6
Qxx25K6/Qxx25J6
Qxx25RH5/Qxx25LH5
Qxx25NH5


Similar Part No. - QXX25LH5TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX25LH5TP LITTELFUSE-QXX25LH5TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25LH5TP LITTELFUSE-QXX25LH5TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

Similar Description - QXX25LH5TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com