Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX15LT Datasheet(PDF) 6 Page - Littelfuse

Part # QXX15LT
Description  The Quadrac is an internally triggered Triac designed for AC switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX15LT Datasheet(HTML) 6 Page - Littelfuse

  QXX15LT Datasheet HTML 1Page - Littelfuse QXX15LT Datasheet HTML 2Page - Littelfuse QXX15LT Datasheet HTML 3Page - Littelfuse QXX15LT Datasheet HTML 4Page - Littelfuse QXX15LT Datasheet HTML 5Page - Littelfuse QXX15LT Datasheet HTML 6Page - Littelfuse QXX15LT Datasheet HTML 7Page - Littelfuse QXX15LT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
160
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 / 6 / 8 / 10 / 15 Amp Quadracs
QxxxxLTx Series
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260°C +0/-5
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Environmental Specifications
Test
Specifications and Conditions
High Temperature
Voltage Blocking
MIL-STD-750: Method 1040, Condition A
Rated V
DRM (VAC-peak), 125°C, 1008
hours
Temperature Cycling
MIL-STD-750: Method 1051
-40°C to 150°C, 15-minute dwell,
100 cycles
Biased Temperature &
Humidity
EIA/JEDEC: JESD22-A101
320VDC, 85°C, 85%RH, 1008 hours
High Temp Storage
MIL-STD-750: Method 1031
150°C, 1008 hours
Low-Temp Storage
-40°C, 1008 hours
Thermal Shock
MIL-STD-750: Method 1056
0°C to 100°C, 5-minute dwell,
10-second transfer, 10 cycles
Autoclave
(Pressure Cooker Test)
EIA/JEDEC: JESD22-A102
121°C, 100%RH, 2atm, 168 hours
Resistance to
Solder Heat
MIL-STD-750: Method 2031
260°C, 10 seconds
Solderability
ANSI/J-STD-002, Category 3, Test A
Lead Bend
MIL-STD-750: Method 2036, Condition E
Physical Specifications
Terminal Finish
1005 Matte Tin-plated
Body Material
UL Recognized epoxy meeting
flammability classification 94v-0
Lead Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
toward extending the operating life of the Thyristor. Good
design practice should limit the maximum continuous
current through the main terminals to 75% of the device
rating. Other ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection of
voltage ratings for worst case conditions. Overheating,
overvoltage (including dv/dt), and surge currents are
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect
against component damage.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Similar Part No. - QXX15LT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX15L5 LITTELFUSE-QXX15L5 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx15L5 LITTELFUSE-Qxx15L5 Datasheet
939Kb / 9P
   RoHS Compliant
QXX15LRY LITTELFUSE-QXX15LRY Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX15LRYTP LITTELFUSE-QXX15LRYTP Datasheet
1,006Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results

Similar Description - QXX15LT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXXXXLTX LITTELFUSE-QXXXXLTX Datasheet
762Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching and phase control applications
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
HQ6025RH5 LITTELFUSE-HQ6025RH5 Datasheet
237Kb / 8P
   25Amp bi-directional Alternistor Triac is designed for AC switching and phase
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
   The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
   The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
   The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
   The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com