Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX16LH4 Datasheet(PDF) 2 Page - Littelfuse

Part # QXX16LH4
Description  15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX16LH4 Datasheet(HTML) 2 Page - Littelfuse

  QXX16LH4 Datasheet HTML 1Page - Littelfuse QXX16LH4 Datasheet HTML 2Page - Littelfuse QXX16LH4 Datasheet HTML 3Page - Littelfuse QXX16LH4 Datasheet HTML 4Page - Littelfuse QXX16LH4 Datasheet HTML 5Page - Littelfuse QXX16LH4 Datasheet HTML 6Page - Littelfuse QXX16LH4 Datasheet HTML 7Page - Littelfuse QXX16LH4 Datasheet HTML 8Page - Littelfuse QXX16LH4 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
108
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Qxx15xx & Qxx16xHx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
Value
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
50
mA
V
GT
I – II – III
MAX.
2.0
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
70
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
275
V/μs
600V
225
800V
200
V
D = VDRM Gate Open TJ = 100°C
1000V
200
(dv/dt)c
(di/dt)c = 8.1 A/ms T
J = 125°C
MIN.
4
V/μs
t
gt
I
G = 2 x IGT
PW = 15μs I
T = 22.6 A(pk)
TYP.
4
μs
Absolute Maximum Ratings — Alternistor Triac (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx16LHy
T
C = 80°C
16
A
Qxx16RHy
Qxx16NHy
T
C = 90°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
167
A
f = 60 Hz
t = 16.7 ms
200
I2t
I2t Value for fusing
t
p = 8.3 ms
166
A2s
di/dt
Critical rate of rise of on-state current
f = 120 Hz
T
J = 125°C
100
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs;
I
GT ≤ IGTM
T
J = 125°C
2.0
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
ºC
T
J
Operating junction temperature range
-40 to 125
ºC
Note: xx = voltage, y = sensitivity
Absolute Maximum Ratings — Standard Triac
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx15Ly
T
C = 80°C
15
A
Qxx15Ry
Qxx15Ny
T
C = 90°C
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
167
A
f = 60 Hz
t = 16.7 ms
200
I2t
I2t Value for fusing
t
p = 8.3 ms
166
A2s
di/dt
Critical rate of rise of on-state current
f = 120 Hz
T
J = 125°C
100
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs
I
GT ≤ IGTM
T
J = 125°C
2.0
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
ºC
T
J
Operating junction temperature range
-40 to 125
ºC
Note: xx = voltage, y = sensitivity


Similar Part No. - QXX16LH4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX16LH4 LITTELFUSE-QXX16LH4 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx16LH4 LITTELFUSE-Qxx16LH4 Datasheet
939Kb / 9P
   RoHS Compliant
More results

Similar Description - QXX16LH4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com