Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX12NH2 Datasheet(PDF) 7 Page - Littelfuse

Part # QXX12NH2
Description  12 Amp bi-directional solid state switch series is designed for AC switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX12NH2 Datasheet(HTML) 7 Page - Littelfuse

  QXX12NH2 Datasheet HTML 1Page - Littelfuse QXX12NH2 Datasheet HTML 2Page - Littelfuse QXX12NH2 Datasheet HTML 3Page - Littelfuse QXX12NH2 Datasheet HTML 4Page - Littelfuse QXX12NH2 Datasheet HTML 5Page - Littelfuse QXX12NH2 Datasheet HTML 6Page - Littelfuse QXX12NH2 Datasheet HTML 7Page - Littelfuse QXX12NH2 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
105
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
12 Amp Alternistor (High Communitation) Triacs
Qxx12xHx Series
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
Type
Package
400V
600V
800V
1000V
I – II – III
Qxx12LH2
X
X
X
10 mA
Alternistor Triac
TO-220L
Qxx12RH2
X
X
X
10 mA
Alternistor Triac
TO-220R
Qxx12NH2
X
X
X
10 mA
Alternistor Triac
TO-263 D²-PAK
Qxx12LH5
X
X
X
X
50 mA
Alternistor Triac
TO-220L
Qxx12RH5
X
X
X
X
50 mA
Alternistor Triac
TO-220R
Qxx12NH5
X
X
X
X
50 mA
Alternistor Triac
TO-263 D²-PAK
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Qxx12L/RHy
Qxx12L/RHy
2.2 g
Bulk
500
Qxx12L/RHyTP
Qxx12L/RHy
2.2 g
Tube Pack
500 (50 per tube)
Qxx12NHyTP
Qxx12NHy
1.6 g
Tube
500 (50 per tube)
Qxx12NHyRP
Qxx12NHy
1.6 g
Embossed Carrier
500
Note: xx = Voltage; y = Sensitivity
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.64
0.89
E
0.045
0.060
1.14
1.52
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.092
0.102
2.34
2.59
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.88
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.02
1.78
Dimensions — TO-263AB (N-Package) — D2Pak Surface Mount
G
B
A
W
D
F
V
S
MT1
MT2
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
.055
1.40
.350
8.89
.276
7.01
AREA: 0.11
T
C MEASURING POINT
IN2
1168
2.16
7.01
.276


Similar Part No. - QXX12NH2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Qxx12NH2 LITTELFUSE-Qxx12NH2 Datasheet
923Kb / 8P
   RoHS Compliant, Solid-state switching eliminates arcing or contact bounce that create voltage transients
More results

Similar Description - QXX12NH2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com