Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-21-W1D-ANPHY-3T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 19-21-W1D-ANPHY-3T
Description  0603 Package Chip LED (0.8 mm Height)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-21-W1D-ANPHY-3T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  19-21-W1D-ANPHY-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-21-W1D-ANPHY-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-21-W1D-ANPHY-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-21-W1D-ANPHY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-21-W1D-ANPHY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-21-W1D-ANPHY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-21-W1D-ANPHY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-21-W1D-ANPHY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-21-W1D-ANPHY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-21/W1D-ANPHY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 3 of 11
Device No. : DSE-191-W01
Prepared date: 08-06-2004
Prepared by: Jessica Chang
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
260 (for 5 seconds)
Electrostatic Discharge
ESD
150
V
Power Dissipation
Pd
110
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
28.5
-----
72.0
mcd
Viewing Angle
2θ1/2
-----
110
-----
deg
Forward Voltage
VF
2.70
-----
3.15
V
IF=5mA
Reverse Current
IR
-----
-----
50
μA
VR=5V
Bin Range Of Luminous Intensity & Forward Voltage
Symbol
Bin Code
Min.
Max.
Unit
Condition
N
28.5
45.0
IV
P
45.0
72.0
mcd
15
2.70
2.85
16
2.85
3.00
VF
17
3.00
3.15
V
IF=5mA
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 19-21-W1D-ANPHY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-21-W1D-ANPHY-3T TO-GRACE-19-21-W1D-ANPHY-3T Datasheet
681Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
More results

Similar Description - 19-21-W1D-ANPHY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-ANPHY-3T TO-GRACE-19-21-T1D-ANPHY-3T Datasheet
855Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-T1D-ANPHY-3T EVERLIGHT-19-21-T1D-ANPHY-3T Datasheet
164Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-CPQTY-3T TO-GRACE-19-21-T1D-CPQTY-3T Datasheet
767Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
19-21-W1D-ANPHY-3T TO-GRACE-19-21-W1D-ANPHY-3T Datasheet
681Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-T1D-CPQTY-3T EVERLIGHT-19-21-T1D-CPQTY-3T Datasheet
154Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
19-213-BHC-AN1P2-3T EVERLIGHT-19-213-BHC-AN1P2-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
19-213-GHC-YR1S2-3T EVERLIGHT-19-213-GHC-YR1S2-3T Datasheet
145Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-BHC-AN1P2-3T TO-GRACE-19-213-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
Everlight Electronics C...
19-213-GHC-XS1T1N-3T EVERLIGHT-19-213-GHC-XS1T1N-3T Datasheet
155Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-T1D-ANPHY-3T TO-GRACE-19-213-T1D-ANPHY-3T Datasheet
1Mb / 12P
   0603 Package Chip LED (0.6 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com