Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFP130N10T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFP130N10T
Description  TrenchMV Power MOSFET HiperFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP130N10T Datasheet(HTML) 2 Page - IXYS Corporation

  IXFP130N10T Datasheet HTML 1Page - IXYS Corporation IXFP130N10T Datasheet HTML 2Page - IXYS Corporation IXFP130N10T Datasheet HTML 3Page - IXYS Corporation IXFP130N10T Datasheet HTML 4Page - IXYS Corporation IXFP130N10T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFA130N10T
IXFP130N10T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10V, ID = 60A, Note 1
55
93
S
C
iss
5080
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
630
pF
C
rss
95
pF
t
d(on)
30
ns
t
r
47
ns
t
d(off)
44
ns
t
f
28
ns
Q
g(on)
104
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS, ID = 25A
30
nC
Q
gd
29
nC
R
thJC
0.42
°C/W
R
thCH
TO-220
0.50
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
130
A
I
SM
Repetitive, pulse width limited by T
JM
350
A
V
SD
I
F = 25A, VGS = 0V, Note 1
1.0
V
t
rr
67
ns
I
RM
4.7
A
Q
rr
160
nC
Notes: 1. Pulse test, t ≤ 300 μs; duty cycle, d ≤ 2%.
2. On through-hole packages, R
DS(on) Kelvin test contact
location must be 5 mm or less from the package body.
TO-263 (IXFA) Outline
Pins: 1 - Gate
2 - Drain
3 - Source 4, TAB - Drain
Pins: 1 - Gate
2 - Drain
3 - Source 4, TAB - Drain
TO-220 (IXFP) Outline
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from data gathered during objective characterizations of preliminary engineering lots; but
also may yet contain some information supplied during a pre-production design evaluation. IXYS
reserves the right to change limits, test conditions, and dimensions without notice.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029
I
F = 65A, -di/dt = 100A/μs
V
R = 0.5 • VDSS, VGS = 0V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 25A
R
G = 5Ω (External)


Similar Part No. - IXFP130N10T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFP130N10T ISC-IXFP130N10T Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFP130N10T2 IXYS-IXFP130N10T2 Datasheet
188Kb / 6P
   TrenchT2 HiperFET Power MOSFET
logo
Inchange Semiconductor ...
IXFP130N10T2 ISC-IXFP130N10T2 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFP130N10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ200N085T IXYS-IXTQ200N085T Datasheet
211Kb / 5P
   TrenchMV Power MOSFET
IXTP240N055T IXYS-IXTP240N055T Datasheet
178Kb / 5P
   TrenchMV Power MOSFET
IXTC200N10T IXYS-IXTC200N10T Datasheet
191Kb / 5P
   TrenchMV Power MOSFET
IXTC280N055T IXYS-IXTC280N055T Datasheet
192Kb / 5P
   TrenchMV Power MOSFET
IXTP44N10T IXYS-IXTP44N10T Datasheet
192Kb / 5P
   TrenchMV??Power MOSFET
IXTP182N055T IXYS-IXTP182N055T Datasheet
227Kb / 6P
   TrenchMV??Power MOSFET
IXTQ250N075T IXYS-IXTQ250N075T Datasheet
209Kb / 5P
   TrenchMV Power MOSFET
IXTH240N055T IXYS-IXTH240N055T Datasheet
210Kb / 5P
   TrenchMV Power MOSFET
IXTV200N10T IXYS-IXTV200N10T Datasheet
220Kb / 5P
   TrenchMV Power MOSFET
IXTC220N055T IXYS-IXTC220N055T Datasheet
192Kb / 5P
   TrenchMV Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com