Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-21-T1D-ANPHY-3T Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 19-21-T1D-ANPHY-3T
Description  0603 Package Chip LED (0.8 mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-21-T1D-ANPHY-3T Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 19-21-T1D-ANPHY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 19-21-T1D-ANPHY-3T Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-21/T1D-ANPHY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 8 of 12
Device No. : SZDSE-191-T04
Prepared date: 27-Nov-2006
Prepared by: Zheng Linyan
Label explanation
CAT: Luminous Intensity Rank
HUE: Chromaticity Coordinates
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm


Similar Part No. - 19-21-T1D-ANPHY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-ANPHY-3T TO-GRACE-19-21-T1D-ANPHY-3T Datasheet
855Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
More results

Similar Description - 19-21-T1D-ANPHY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-ANPHY-3T TO-GRACE-19-21-T1D-ANPHY-3T Datasheet
855Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
19-21-T1D-CPQTY-3T TO-GRACE-19-21-T1D-CPQTY-3T Datasheet
767Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-W1D-ANPHY-3T EVERLIGHT-19-21-W1D-ANPHY-3T Datasheet
154Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-W1D-ANPHY-3T TO-GRACE-19-21-W1D-ANPHY-3T Datasheet
681Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-T1D-CPQTY-3T EVERLIGHT-19-21-T1D-CPQTY-3T Datasheet
154Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
19-213-BHC-AN1P2-3T EVERLIGHT-19-213-BHC-AN1P2-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
19-213-GHC-YR1S2-3T EVERLIGHT-19-213-GHC-YR1S2-3T Datasheet
145Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-BHC-AN1P2-3T TO-GRACE-19-213-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
Everlight Electronics C...
19-213-GHC-XS1T1N-3T EVERLIGHT-19-213-GHC-XS1T1N-3T Datasheet
155Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-T1D-ANPHY-3T TO-GRACE-19-213-T1D-ANPHY-3T Datasheet
1Mb / 12P
   0603 Package Chip LED (0.6 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com