Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1200CCLRP Datasheet(PDF) 1 Page - Littelfuse

Part # B1200CCLRP
Description  The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

B1200CCLRP Datasheet(HTML) 1 Page - Littelfuse

  B1200CCLRP Datasheet HTML 1Page - Littelfuse B1200CCLRP Datasheet HTML 2Page - Littelfuse B1200CCLRP Datasheet HTML 3Page - Littelfuse B1200CCLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
114
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
Battrax® Series Positive/Negative - Modified DO-214
Electrical Characteristics
The Battrax® series offers programmable SIDACtor®
overvoltage protection devices for SLIC applications.
This series is offered in a negative Battrax version and a
positive Battrax version. The B1xx0C_ is for a -V
REF supply
REF supply. Designed using
an SCR and a gate diode, the B1xx0C_ Battrax begins
to conduct at |-V
REF
REF
Description
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Robust surge current
ratings
Gate triggered tracking
devices
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
Capacitance*
V min
V max
mA min
mA max
A max
V max
pF
Min
Max
B1100CALRP
B10A
I-V
REF
I-V
REF
100
100
2.2
4
30
200
B1160CALRP
B16A
I-V
REF
I-V
REF
160
100
2.2
4
30
200
B1200CALRP
B12A
I-V
REF
I-V
REF
200
100
2.2
4
30
200
B2050CALRP
B25A
REF
REF
5
50
2.2
4
20
200
B1100CCLRP
B10C
I-V
REF
I-V
REF
100
100
2.2
4
30
200
B1160CCLRP
B16C
I-V
REF
I-V
REF
160
100
2.2
4
30
200
B1200CCLRP
B12C
I-V
REF
I-V
REF
200
100
2.2
4
30
200
B2050CCLRP
B25C
REF
REF
5
50
2.2
4
20
200
PIN 3
(VREF)
PIN 1
(Line)
PIN 2
(Ground)
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A-rated parts require series resistance
PIN 3
(-VREF)
PIN 1
(Line)
PIN 2
(Ground)
Gate
Negative Battrax
B1xx0C_
PIN 3
(+VREF)
PIN 2
(Ground
PIN 1
(Line)
Positive Battrax
B2050C_
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are uni-directional
- All electrical characteristics shown are defined from Tip (pin 1) to Ground (pin 2), and Ring
(pin 1) to Ground (pin 2)
- V
REF Max Value for the negative Battrax is -200 V.
- V
REF Max Value for the positive Battrax is 110 V.
* Off-state capacitance (C
O) is measured across pins 1 & 2 at 1 MHz with a 2V bias.


Similar Part No. - B1200CCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1200CCL LITTELFUSE-B1200CCL Datasheet
153Kb / 3P
   SLIC Protector
B1200CCL LITTELFUSE-B1200CCL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
More results

Similar Description - B1200CCLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
B1101UCLXX LITTELFUSE-B1101UCLXX Datasheet
144Kb / 4P
   The Battrax짰 series offers programmable SIDACtor짰 overvoltage protection
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
P0602ACLXX LITTELFUSE-P0602ACLXX Datasheet
161Kb / 4P
   The SIDACtor짰 Primary Protection Series Modified TO-220 are thyristor devices
SDP0080T023G5RP LITTELFUSE-SDP0080T023G5RP Datasheet
2Mb / 6P
   Teccor짰 brand SIDACtor짰 DSL Protection Devices
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
P0080EBL LITTELFUSE-P0080EBL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors SIDACtor짰 Protection Thyristors
logo
Schurter Inc.
KPS SCHURTER-KPS Datasheet
77Kb / 2P
   The overvoltage protection element diverts overvoltages
logo
Littelfuse
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com