Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1104UALXX Datasheet(PDF) 1 Page - Littelfuse

Part # P1104UALXX
Description  SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1104UALXX Datasheet(HTML) 1 Page - Littelfuse

  P1104UALXX Datasheet HTML 1Page - Littelfuse P1104UALXX Datasheet HTML 2Page - Littelfuse P1104UALXX Datasheet HTML 3Page - Littelfuse P1104UALXX Datasheet HTML 4Page - Littelfuse P1104UALXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SIDACtor® ProtectionThyristors
143
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
SIDACtor® Multiport Series - MS-013
Electrical Characteristics
SIDACtor® Multiport Series MS-013 are designed to protect
baseband equipment from overvoltage transients.
Targeted for voice through DS-1 applications, the series
provides a dual port surface mount solution that enables
equipment to comply with various global regulatory
standards.
1
(R1)
2
(G1)
3
(T1)
6 (T2)
4 (R2)
5 (G2)
Description
Features and Benefits
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
1
2
3
6
5
4
Applicable Global Standards
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level*
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A-rated parts require series resistance
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
T
@I
T=2.2 Amps
I
H
I
S
I
T
Capacitance
V min
V max
V min
V max
V max
mA min mA max A max
Pins 1-2, 3-2, 4-5, 6-5
Pins 1-3, 4-6
Pins 1-2, 3-2,
4-5, 6-5
P0084UALxx
P0084UA
6
25
12
50
4
50
800
2.2
See
Capacitance
Values Table
P0304UALxx
P0304UA
25
40
50
80
4
50
800
2.2
P0644UALxx
P0644UA
58
77
116
154
4
150
800
2.2
P0724UALxx
P0724UA
65
88
130
176
4
150
800
2.2
P0904UALxx
P0904UA
75
98
150
196
4
150
800
2.2
P1104UALxx
P1104UA
90
130
180
260
4
150
800
2.2
P1304UALxx
P1304UA
120
160
240
320
4
150
800
2.2
P1504UALxx
P1504UA
140
180
280
360
4
150
800
2.2
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Replaces four discrete
components
Fails short circuit when
surged in excess of
ratings
Low Capacitance
Table continues on next page.


Similar Part No. - P1104UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1104UAL LITTELFUSE-P1104UAL Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P1104UAL LITTELFUSE-P1104UAL Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
More results

Similar Description - P1104UALXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1104UCLRP LITTELFUSE-P1104UCLRP Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series - MS-013
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
A2106UC6LTP LITTELFUSE-A2106UC6LTP Datasheet
156Kb / 5P
   SIDACtor짰 Balanced Multiport Series - MS-013
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
P0084UALRP LITTELFUSE-P0084UALRP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P2604UARP LITTELFUSE-P2604UARP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com