Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0304UCMCLXX Datasheet(PDF) 2 Page - Littelfuse

Part # P0304UCMCLXX
Description  MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0304UCMCLXX Datasheet(HTML) 2 Page - Littelfuse

  P0304UCMCLXX Datasheet HTML 1Page - Littelfuse P0304UCMCLXX Datasheet HTML 2Page - Littelfuse P0304UCMCLXX Datasheet HTML 3Page - Littelfuse P0304UCMCLXX Datasheet HTML 4Page - Littelfuse P0304UCMCLXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIDACtor® ProtectionThyristors
68
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Part Number
pF
Pin 1-2 / 3-2 (4-5 / 6-5)
Tip-Ground, Ring-Ground
pF
Pin 1-3 (4-6)
Tip-Ring
MIN
MAX
MIN
MAX
P0084UCMCLxx
35
75
20
45
P0304UCMCLxx
25
45
10
25
P0644UCMCLxx
55
85
30
50
P0724UCMCLxx
50
75
25
45
P0904UCMCLxx
45
70
25
40
P1104UCMCLxx
45
70
25
40
P1304UCMCLxx
40
60
20
35
P1504UCMCLxx
35
55
20
35
P1804UCMCLxx
35
50
15
30
P2304UCMCLxx
30
50
15
30
P2604UCMCLxx
30
45
15
30
P3104UCMCLxx
30
45
15
25
P3504UCMCLXx
25
40
15
25
Capacitance Values
Surge Ratings
I
PP
I
TSM
50/60 Hz
di/dt
0.2x310 1
0.5x700 2
2x10 1
2x10 2
8x20 1
1.2x50 2
10x160 1
10x160 2
10x560 1
10x560 2
5x320 1
9x720 2
10x360 1
10x360 2
10x1000 1
10x1000 2
5x310 1
10x700 2
A min
A min
A min
A min
A min
A min
A min
A min
A min
A min
A/μs max
C
50
500
400
200
150
200
175
100
200
30
500
Electrical Characteristics (continued)
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T= 2.2
Amps
Capacitance
VV
V
V
mA min mA max A max
V max
Pins 1-2, 3-2, 4-5, 6-5
Pins 1-3, 4-6
P1504UCMCLxx
P1504UCMC
140
180
280
360
150
800
2.2
8
See
Capacitance
Values Table
P1804UCMCLxx
P1804UCMC
170
220
340
440
150
800
2.2
8
P2304UCMCLxx
P2304UCMC
190
260
380
520
150
800
2.2
8
P2604UCMCLxx
P2604UCMC
220
300
440
600
150
800
2.2
8
P3104UCMCLxx
P3104UCMC
275
350
550
700
150
800
2.2
8
P3504UCMCLxx
P3504UCMC
320
400
600
800
150
800
2.2
8
Note: Off-state capacitance (C
O) is measured at 1 MHz with a 2 V bias.
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are bi-directional (unless otherwise noted).
- XX Part Number Suffix: ‘TP’ (Tube Pack) or ‘RP’ (Reel Pack).
Notes:
1 Current waveform in μs
2 Voltage waveform in μs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


Similar Part No. - P0304UCMCLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0304UCMCL LITTELFUSE-P0304UCMCL Datasheet
168Kb / 3P
   Multiport MicroCapacitance
More results

Similar Description - P0304UCMCLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1104UCLRP LITTELFUSE-P1104UCLRP Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series - MS-013
P0084UALXX LITTELFUSE-P0084UALXX Datasheet
155Kb / 5P
   SIDACtor짰 Multiport Series MS-013 are designed to protect baseband equipment
A2106UC6LTP LITTELFUSE-A2106UC6LTP Datasheet
156Kb / 5P
   SIDACtor짰 Balanced Multiport Series - MS-013
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
P0084UALRP LITTELFUSE-P0084UALRP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P2604UARP LITTELFUSE-P2604UARP Datasheet
155Kb / 5P
   SIDACtor Multiport Series - MS-013
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
A2106UC6LRP LITTELFUSE-A2106UC6LRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com