Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QXX08DYYRP Datasheet(PDF) 6 Page - Littelfuse

Part # QXX08DYYRP
Description  8 Amp bi-directional solid state switch series is designed for AC switching and phase
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX08DYYRP Datasheet(HTML) 6 Page - Littelfuse

Back Button QXX08DYYRP Datasheet HTML 2Page - Littelfuse QXX08DYYRP Datasheet HTML 3Page - Littelfuse QXX08DYYRP Datasheet HTML 4Page - Littelfuse QXX08DYYRP Datasheet HTML 5Page - Littelfuse QXX08DYYRP Datasheet HTML 6Page - Littelfuse QXX08DYYRP Datasheet HTML 7Page - Littelfuse QXX08DYYRP Datasheet HTML 8Page - Littelfuse QXX08DYYRP Datasheet HTML 9Page - Littelfuse QXX08DYYRP Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
80
Revised: July 29, 2010 12:24 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
-65
-40
-15
10
35
60
85
110
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Junction Temperature (T
J)- ºC
-65
-40
-15
10
35
60
85
110
125
0.0
0.5
1.0
1.5
2.0
Figure 7: Maximum Allowable Case Temperature
vs. On-State Current (Standard / Alternistor Triac)
Figure 8: On-State Current vs. On-State Voltage
(Typical)
0.6
0.8
1.0
1.2
1.4
1.6
20
16
12
8
4
0
T
C = 25°C
Postitive or Negative Instantaneous
On-State Voltage (v
T) - Volts
RMS On-State Current (I
T(RMS)) - Amps
02468
10
0
2
4
6
8
10
12
14
16
18
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current (Sensitive Triac)
RMS On-State Current (I
T(RMS)) - Amps
01234
5
678
60
65
70
75
80
85
90
95
100
105
110
Lxx08Vy
Lxx08Dy
Lxx08Ry
Lxx08Ly
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
CASE TEMPERATURE: Measured as shown on
Dimensional Drawings
RMS On-State Current (I
T(RMS)) - Amps
60
70
80
90
100
110
120
130
01234
5
678
Qxx08Lyy
Qxx08Ryy
Qxx08Nyy
Qxx08Vyy
Qxx08Dyy


Similar Part No. - QXX08DYYRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QXX08LT LITTELFUSE-QXX08LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTH LITTELFUSE-QXX08LTH Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTHTP LITTELFUSE-QXX08LTHTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTTP LITTELFUSE-QXX08LTTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
More results

Similar Description - QXX08DYYRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com