Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3844BD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA3844BD
Description  SMPS Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3844BD Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA3844BD Datasheet HTML 2Page - Fairchild Semiconductor KA3844BD Datasheet HTML 3Page - Fairchild Semiconductor KA3844BD Datasheet HTML 4Page - Fairchild Semiconductor KA3844BD Datasheet HTML 5Page - Fairchild Semiconductor KA3844BD Datasheet HTML 6Page - Fairchild Semiconductor KA3844BD Datasheet HTML 7Page - Fairchild Semiconductor KA3844BD Datasheet HTML 8Page - Fairchild Semiconductor KA3844BD Datasheet HTML 9Page - Fairchild Semiconductor KA3844BD Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
KA3842B/KA3843B/KA3844B/KA3845B
6
Figure 5. Oscillator Waveforms and Maximum Duty Cycle
Oscillator timing capacitor, CT, is charged by VREF through RT and discharged by an internal current source. During the dis-
charge time, the internal clock signal blanks the output to the low state. Selection of RT and CT therefore determines both
oscillator frequency and maximum duty cycle. Charge and discharge times are determined by the formulas:
tc = 0.55 RT CT
Frequency, then, is: f=(tc + td)
-1
Figure 8. Shutdown Techniques
Figure 6. Oscillator Dead Time & Frequency
Figure 7. Timing Resistance vs Frequency
t
D
R
TCTIn
0.0063R
T
2.7
0.0063R
T
4
----------------------------------------


=
ForRT
5K
Ω f
1.8
R
TCT
---------------
=
,
>
(Deadtime vs CT RT > 5kΩ)


Similar Part No. - KA3844BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3844BD FAIRCHILD-KA3844BD Datasheet
91Kb / 12P
   SMPS Controller
logo
ON Semiconductor
KA3844BD ONSEMI-KA3844BD Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results

Similar Description - KA3844BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com