Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI-235-19 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SPI-235-19
Description  Ultraminiature photointerrupter (single-transistor type)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SPI-235-19 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SPI-235-19 Datasheet HTML 1Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 2Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 3Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 4Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 5Page - Sanyo Semicon Device SPI-235-19 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPI-235-19
No.6024 3/6
Typical Characteristics
These numerical value show the electrical and optical characteristics of this product, and not assure this contents.
CAUTION
10
-6
5
10
-7
5
10
-8
5
10
-9
10
-10
5
-25
0
25
50
75
100
120
100
80
60
40
20
0
-2
-1
0
1
2
3
1000
500
100
50
10
5
1
0.1
0.5
1
5
10
50
100
0.08
0.10
0.12
0.14
0.16
0.18
-25
0
25
50
75
100
IF=10mA
IC=100µA
VCE=10V
IFP=10mA
VCC=5V
Ta=25
°C
IF=10mA
VCE=5V
Ta=25
°C
d
tf
tr
0
--
+
Shield
Detector center
120
100
80
60
40
20
0
-2
-1
0
1
2
3
IF=10mA
VCE=5V
Ta=25
°C
d
0
--
+
IFP
VCC
RL
Vout
Vout
IFP
RD
10%
90%
tr
tf
Collector-emitter Saturation Voltage vs.
Ambient Temperature
Relative Collector Current vs. Shield Distance (1)
Relative Collector Current vs. Shield Distance (2)
Ambient Temperature Ta (
°C)
Shield Distance d (mm)
Shield Distance d (mm)
Response Time vs. Load Resistance
Test Circuit for Response Time
Load Resistance RL (kΩ)
Collector Dark Current vs. Ambient Temperature
Ambient Temperature Ta (
°C)


Similar Part No. - SPI-235-19

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI-230G SPI-SPI-230G Datasheet
443Kb / 2P
   Complied with AT standard
logo
Sanyo Semicon Device
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
More results

Similar Description - SPI-235-19

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
RP-SMA ROHM-RP-SMA Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124 ROHM-RPI-124_05 Datasheet
73Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124A ROHM-RPI-124A Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-124F ROHM-RPI-124F Datasheet
54Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-121 ROHM-RPI-121_05 Datasheet
75Kb / 2P
   Photointerrupter, Ultraminiature type
PRI-129B ROHM-PRI-129B Datasheet
96Kb / 3P
   Photointerrupter, Ultraminiature DIP type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com