Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0765RQ Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSQ0765RQ
Description  Green-Mode Fairchild Power Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0765RQ Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSQ0765RQ Datasheet HTML 3Page - Fairchild Semiconductor FSQ0765RQ Datasheet HTML 4Page - Fairchild Semiconductor FSQ0765RQ Datasheet HTML 5Page - Fairchild Semiconductor FSQ0765RQ Datasheet HTML 6Page - Fairchild Semiconductor FSQ0765RQ Datasheet HTML 7Page - Fairchild Semiconductor FSQ0765RQ Datasheet HTML 8Page - Fairchild Semiconductor FSQ0765RQ Datasheet HTML 9Page - Fairchild Semiconductor FSQ0765RQ Datasheet HTML 10Page - Fairchild Semiconductor FSQ0765RQ Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0765RQ Rev. 1.0.1
7
Electrical Characteristics (Continued)
TA = 25°C unless otherwise specified.
Notes:
11. Guaranteed by design, but not tested in production.
12. Includes gate turn-on time.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
PROTECTION SECTION
ILIMIT
Peak Current Limit
TJ = 25°C, di/dt = 460mA/µs
3.08
3.50
3.92
A
VSD
Shutdown Feedback Voltage
VCC = 15V
5.5
6.0
6.5
V
IDELAY
Shutdown Delay Current
VFB = 5V
4
5
6
µA
tLEB
Leading-Edge Blanking Time(11)
250
ns
tOSP
Output Short
Protection(11)
Threshold Time
TJ = 25°C
OSP triggered when tON<tOSP ,
VFB>VOSP & lasts longer than
tOSP_FB
1.2
1.4
µs
VOSP
Threshold Feedback
Voltage
1.8
2.0
V
tOSP_FB
Feedback Blanking Time
2.0
2.5
3.0
µs
TSD
Thermal
Shutdown(11)
Shutdown Temperature
125
140
155
°C
Hys
Hysteresis
60
SYNC SECTION
VSH1
Sync Threshold Voltage 1
VCC = 15V, VFB = 2V
1.0
1.2
1.4
V
VSL1
0.8
1.0
1.2
tsync
Sync Delay Time(11)(12)
230
ns
VSH2
Sync Threshold Voltage 2
VCC = 15V, VFB = 2V
4.3
4.7
5.1
V
VSL2
4.0
4.4
4.8
VCLAMP
Low Clamp Voltage
ISYNC_MAX = 800µA
ISYNC_MIN = 50µA
0.0
0.4
0.8
V
VOVP
Over-Voltage
Protection
Threshold Voltage
VCC = 15V, VFB=2V
7.4
8.0
8.6
V
tOVP
Blanking Time(11)
1.0
1.7
2.4
µs
TOTAL DEVICE SECTION
IOP
Operating Supply Current
(Control Part Only)
VCC = 13V, VFB=0V
1
3
5
mA
ISTART
Start Current
VCC = 10V
(before VCC reaches VSTART)
350
450
550
µA
ICH
Startup Charging Current
VCC = 0V, VSTR = minimum 50V 0.65 0.85 1.00
mA
VSTR
Minimum VSTR Supply Voltage
26
V


Similar Part No. - FSQ0765RQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0765R FAIRCHILD-FSQ0765R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765R FAIRCHILD-FSQ0765R Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RSWDTU FAIRCHILD-FSQ0765RSWDTU Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
More results

Similar Description - FSQ0765RQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com