Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ565RS Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSQ565RS
Description  Green-Mode Fairchild Power Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ565RS Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSQ565RS Datasheet HTML 1Page - Fairchild Semiconductor FSQ565RS Datasheet HTML 2Page - Fairchild Semiconductor FSQ565RS Datasheet HTML 3Page - Fairchild Semiconductor FSQ565RS Datasheet HTML 4Page - Fairchild Semiconductor FSQ565RS Datasheet HTML 5Page - Fairchild Semiconductor FSQ565RS Datasheet HTML 6Page - Fairchild Semiconductor FSQ565RS Datasheet HTML 7Page - Fairchild Semiconductor FSQ565RS Datasheet HTML 8Page - Fairchild Semiconductor FSQ565RS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565RS/RQ Rev. 1.0.3
3
Block Diagrams
Figure 2. Internal Block Diagram of FSQ0565RS
Figure 3. Internal Block Diagram of FSQ0565RQ
8V/12V
Vref
S
Q
R
VCC
Vref
Idelay
IFB
VSD
VOVP
VOCP
S
Q
Q
R
R
3R
VCC good
VCC
Drain
FB
GND
AOCP
Gate
driver
VCC good
LEB
250ns
PWM
VBurst
5
Sync
(1.1V)
Soft-
Start
0.35/0.55
OSC
Vstr
TSD
4
3
1
6
FSQ0565RS Rev.00
2
AVS
Q
VOSP
LPF
LPF
tON < tOSP
after SS
VCC
8V/12V
Vref
S
Q
R
VCC
Vref
Idelay
IFB
VSD
VOVP
VOCP
S
Q
Q
R
R
3R
VCC good
VCC
Drain
FB
GND
AOCP
Gate
driver
VCC good
LEB
250ns
PWM
VBurst
5
Sync
(1.1V)
Soft-
Start
0.35/0.55
OSC
Vstr
TSD
4
3
1
6
FSQ0565RQ Rev.00
2
AVS
Q
VOSP
LPF
LPF
tON < tOSP
after SS


Similar Part No. - FSQ565RS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ500L FAIRCHILD-FSQ500L Datasheet
522Kb / 12P
   Compact, Green Mode, Fairchild Power Switch (FPS??
FSQ500L FAIRCHILD-FSQ500L Datasheet
690Kb / 11P
   Compact Green-Mode Adapter
FSQ500L FAIRCHILD-FSQ500L Datasheet
573Kb / 12P
   Compact, Green Mode, Fairchild Power Switch
FSQ500L FAIRCHILD-FSQ500L_09 Datasheet
573Kb / 12P
   Compact, Green Mode, Fairchild Power Switch
FSQ500N FAIRCHILD-FSQ500N Datasheet
833Kb / 12P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSQ565RS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com