Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL116HR Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSL116HR
Description  Green Mode Fairchild Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL116HR Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSL116HR Datasheet HTML 1Page - Fairchild Semiconductor FSL116HR Datasheet HTML 2Page - Fairchild Semiconductor FSL116HR Datasheet HTML 3Page - Fairchild Semiconductor FSL116HR Datasheet HTML 4Page - Fairchild Semiconductor FSL116HR Datasheet HTML 5Page - Fairchild Semiconductor FSL116HR Datasheet HTML 6Page - Fairchild Semiconductor FSL116HR Datasheet HTML 7Page - Fairchild Semiconductor FSL116HR Datasheet HTML 8Page - Fairchild Semiconductor FSL116HR Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL116HR • Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only. TJ = 25°C, unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
VSTR
VSTR Pin Voltage
-0.3
650.0
V
VDS
Drain Pin Voltage
-0.3
650.0
V
VCC
Supply Voltage
26
V
VFB
Feedback Voltage Range
-0.3
12
V
ID
Continuous Drain Current
1
A
IDM
Drain Current Pulsed
(4)
4
A
EAS
Single Pulsed Avalanche Energy
(5)
38
mJ
PD
Total Power Dissipation
1.5
W
TJ
Operating Junction Temperature
Internally Limited
°C
TA
Operating Ambient Temperature
-40
+105
°C
TSTG
Storage Temperature
-55
+150
°C
ESD
Human Body Model, JESD22-A114
(6)
5
KV
Charged Device Model, JESD22-C101
(6)
2
ΘJA
Junction-to-Ambient Thermal Resistance
(7,8)
80
°C/W
ΘJC
Junction-to-Case Thermal Resistance
(7,9)
19
°C/W
ΘJT
Junction-to-Top Thermal Resistance
(7,10)
33.7
°C/W
Notes:
4.
Repetitive rating: pulse width limited by maximum junction temperature.
5.
L=30mH, starting TJ=25°C.
6.
Meets JEDEC standards JESD 22-A114 and JESD 22-C101.
7.
All items are tested with the standards JESD 51-2 and JESD 51-10.
8.
ΘJA free-standing, with no heat-sink, under natural convection.
9.
ΘJC junction-to-lead thermal characteristics under ΘJA test condition. TC is measured on the source #7 pin closed
to plastic interface for
ΘJA thermo-couple mounted on soldering.
10.
ΘJT junction-to-top of thermal characteristic under ΘJA test condition. Tt is measured on top of package. Thermo-
couple is mounted in epoxy glue.


Similar Part No. - FSL116HR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSL116HR ONSEMI-FSL116HR Datasheet
273Kb / 13P
   Green-Mode Power Switch
July, 2019 ??Rev. 2
More results

Similar Description - FSL116HR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com