Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSGM0465RLDTU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSGM0465RLDTU
Description  Green-Mode Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSGM0465RLDTU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSGM0465RLDTU Datasheet HTML 1Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 2Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 3Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 4Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 5Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 6Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 7Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 8Page - Fairchild Semiconductor FSGM0465RLDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSGM0465R • Rev. 1.0.2
5
Electrical Characteristics
TJ = 25°C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SenseFET Section
BVDSS
Drain-Source Breakdown Voltage
VCC = 0V, ID = 250μA
650
V
IDSS
Zero-Gate-Voltage Drain Current
VDS = 520V, TA = 125°C
250
μA
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID =1A
2.1
2.6
CISS
Input Capacitance
(13)
VDS = 25V, VGS = 0V,f=1MHz
436
pF
COSS
Output Capacitance
(13)
VDS = 25V, VGS = 0V,f=1MHz
65
pF
tr
Rise Time
VDS = 325V, ID = 4A, RG=25Ω
24
ns
tf
Fall Time
VDS = 325V, ID = 4A, RG=25Ω
24
ns
td(on)
Turn-on Delay Time
VDS = 325V, ID = 4A, RG=25Ω
13
ns
td(off)
Turn-off Delay Time
VDS = 325V, ID = 4A, RG=25Ω
30
ns
Control Section
fS
Switching Frequency
VCC = 14V, VFB = 4V,
60
66
72
kHz
ΔfS
Switching Frequency Variation
(13)
-
25
°C < TJ < +125°C
±5
±10
%
DMAX
Maximum Duty Ratio
VCC = 14V, VFB = 4V
65
70
75
%
DMIN
Minimum Duty Ratio
VCC = 14V, VFB = 0V
0
%
IFB
Feedback Source Current
VFB = 0
160
210
260
μA
VSTART
UVLO Threshold Voltage
VFB = 0V, VCC Sweep
11
12
13
V
VSTOP
After Turn-on, VFB = 0V
7.0
7.5
8.0
V
VOP
VCC Operating Range
13
23
V
tS/S
Internal Soft-Start Time
VSTR = 40V, VCC Sweep
15
ms
Burst-Mode Section
VBURH
Burst-Mode Voltage
VCC = 14V, VFB Sweep
0.6
0.7
0.8
V
VBURL
0.4
0.5
0.6
V
Hys
200
mV
Protection Section
ILIM
Peak Drain Current Limit
di/dt = 300mA/
μs
1.64
1.80
1.96
A
VSD
Shutdown Feedback Voltage
VCC = 14V, VFB Sweep
5.5
6.0
6.5
V
IDELAY
Shutdown Delay Current
VCC = 14V, VFB = 4V
2.5
3.3
4.1
μA
tLEB
Leading-Edge Blanking Time
(13)(14)
300
ns
VOVP
Over-Voltage Protection
VCC Sweep
23.0
24.5
26.0
V
tOSP
Output Short
Protection
(13)
Threshold Time
OSP Triggered when
tON<tOSP & VFB>VOSP
(Lasts Longer than tOSP_FB)
1.0
1.2
1.4
μs
VOSP
Threshold VFB
1.8
2.0
2.2
V
tOSP_FB
VFB Blanking Time
2.0
2.5
3.0
μs
TSD
Thermal Shutdown Temperature
(13)
Shutdown Temperature
130
140
150
°C
Hys
Hysteresis
30
°C
Continued on the following page…


Similar Part No. - FSGM0465RLDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSGM0465RLDTU ONSEMI-FSGM0465RLDTU Datasheet
468Kb / 18P
   Green-Mode Power Switch
July, 2019 ??Rev. 2
More results

Similar Description - FSGM0465RLDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com