Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP-9118B-51 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SLP-9118B-51
Description  첩3.1mm red contact type LED lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SLP-9118B-51 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SLP-9118B-51 Datasheet HTML 1Page - Sanyo Semicon Device SLP-9118B-51 Datasheet HTML 2Page - Sanyo Semicon Device SLP-9118B-51 Datasheet HTML 3Page - Sanyo Semicon Device SLP-9118B-51 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SLP-9118B-51
No.6062 4/4
CAUTION
1. No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster / crime-prevention equipment or
the like, and the failure of which may directly or indirectly cause injury, death or property loss.
2. Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1) Accept full responsibility and indemnify and defend SANYO ELECTRIC CO.,LTD., it’s affiliates,
subsidiaries and distributors or any of their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, costs and expenses associated with such use.
2) Not impose any responsibility for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., it’s affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
3. Information (including circuit diagrams and circuit parameters) disclosed herein is for example only; it is not
guaranteed for mass production, SANYO believes the information disclosed herein is accurate and reliable,
but no guarantees are made or implied regarding it’s use or any infringements of intellectual property rights
or other rights of third parties.
Precautionary instructions in handling gallium arsenic products
Special precautions must be taken in handling this product because it contains, gallium arsenic, which is
designated as a toxic substance by law. Be sure to adhere strictly to all applicable laws and regulations
enacted for this substance, particularly when it comes to disposal.
Manufactured by ;
Tottori SANYO Electric Co., Ltd.
LED Division
5-318, Tachikawa-cho, Tottori City, 680-8634 Japan
TEL: +81-857-21-2137 FAX: +81-857-21-2161
PS


Similar Part No. - SLP-9118B-51

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SLP-9117E-51 SANYO-SLP-9117E-51 Datasheet
25Kb / 4P
   첩3.1mm red contact type LED lamp (U-cut version)
More results

Similar Description - SLP-9118B-51

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SLP-9117E-51 SANYO-SLP-9117E-51 Datasheet
25Kb / 4P
   첩3.1mm red contact type LED lamp (U-cut version)
SLP-4118B-51 SANYO-SLP-4118B-51 Datasheet
24Kb / 4P
   첩3.1mm yellow contact type LED lamp
SLP-3117E-51 SANYO-SLP-3117E-51 Datasheet
25Kb / 4P
   첩3.1mm yellow-green contact type LED lamp (U-cut version)
SLP-9130C-81 SANYO-SLP-9130C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-9131C-81 SANYO-SLP-9131C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-9132C-81 SANYO-SLP-9132C-81 Datasheet
23Kb / 4P
   첩5mm red contact type LED lamp
SLP-4131C-81 SANYO-SLP-4131C-81 Datasheet
23Kb / 4P
   첩5mm yellow contact type LED lamp
SLP-4130C-81 SANYO-SLP-4130C-81 Datasheet
23Kb / 4P
   첩5mm yellow contact type LED lamp
logo
Micro Electronics
MSB51CK-5 MICRO-ELECTRONICS-MSB51CK-5 Datasheet
88Kb / 1P
   RED LED LAMP
logo
Seoul Semiconductor
LR530A SEOUL-LR530A Datasheet
378Kb / 14P
   RED LAMP LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com