Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L0109MT Datasheet(PDF) 8 Page - Littelfuse

Part # L0109MT
Description  New 1 Amp bi-directional solid state switch series offering direct interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L0109MT Datasheet(HTML) 8 Page - Littelfuse

  L0109MT Datasheet HTML 1Page - Littelfuse L0109MT Datasheet HTML 2Page - Littelfuse L0109MT Datasheet HTML 3Page - Littelfuse L0109MT Datasheet HTML 4Page - Littelfuse L0109MT Datasheet HTML 5Page - Littelfuse L0109MT Datasheet HTML 6Page - Littelfuse L0109MT Datasheet HTML 7Page - Littelfuse L0109MT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
50
Revised: July 9, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1 Amp Sensitive Triacs
L01 Series
TRIAC SERIES
01
CURRENT
01: 1A
xx
Lx
SENSITIVITY & TYPE
03: 3, 3, 3, 5mA Triac
07: 5, 5, 5, 7mA Triac
09: 10, 10, 10, 10mA Triac
VOLTAGE
D: 400V
M: 600V
N: 800V
xx xx
PACKAGE TYPE
E: TO-92
T: SOT-223
PACKING TYPE
Blank: Bulk Pack
RP
: Reel Pack (TO-92)
: Embossed Carrier Pack
(SOT-223)
AP
: Ammo Pack (TO-92)
Part Numbering System
Part Marking System
Date Code
(2 Digits Min.)
Number = Year
Letter = Month
DC
MT1
G
MT2
MT1
MT2
G
MT2
4 mm
8 mm
1.5 mm
13 mm Abor
Hole Diameter
180 mm
13.4 mm
2 mm
12 mm
K / MT1
GATE
A / MT2
A / MT2
5.5 mm
1.75 mm
SOT-223 Reel Pack (RP) Specifications


Similar Part No. - L0109MT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L0109MT LITTELFUSE-L0109MT Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0109MT LITTELFUSE-L0109MT Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0109MT LITTELFUSE-L0109MT Datasheet
1Mb / 8P
   Thyristors EV Series 1 Amp Sensitive Triacs
Revised: 05/29/19
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
More results

Similar Description - L0109MT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LX803DE LITTELFUSE-LX803DE Datasheet
257Kb / 8P
   New 0.8 Amp bi-directional solid state switch series offering direct
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-301C AVAGO-ASSR-301C Datasheet
110Kb / 7P
   Compact Solid-State Bi-directional Signal Switch
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com