Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1007-BD Datasheet(PDF) 6 Page - Mimix Broadband

Part # XX1007-BD
Description  13.5-17.0/27.0-34.0 GHz GaAs MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1007-BD Datasheet(HTML) 6 Page - Mimix Broadband

  XX1007-BD_09 Datasheet HTML 1Page - Mimix Broadband XX1007-BD_09 Datasheet HTML 2Page - Mimix Broadband XX1007-BD_09 Datasheet HTML 3Page - Mimix Broadband XX1007-BD_09 Datasheet HTML 4Page - Mimix Broadband XX1007-BD_09 Datasheet HTML 5Page - Mimix Broadband XX1007-BD_09 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6 of 6
Handling and Assembly Information
Ordering Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-
products are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this product.This product must be discarded in accordance
with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life
support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied in antistatic
containers, which should be opened in cleanroom conditions at an appropriately grounded anti-static workstation. Devices need
careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.100 mm (0.004") thick and have vias through to the backside to
enable grounding to the circuit. Microstrip substrates should be brought as close to the die as possible. The mounting surface should
be clean and flat. If using conductive epoxy, recommended epoxies are Tanaka TS3332LD, Die Mat DM6030HK or DM6030HK-Pt cured
in a nitrogen atmosphere per manufacturer's cure schedule. Apply epoxy sparingly to avoid getting any on to the top surface of the
die. An epoxy fillet should be visible around the total die periphery. For additional information please see the Mimix "Epoxy
Specifications for Bare Die" application note. If eutectic mounting is preferred, then a fluxless gold-tin (AuSn) preform, approximately
0.0012 thick, placed between the die and the attachment surface should be used. A die bonder that utilizes a heated collet and
provides scrubbing action to ensure total wetting to prevent void formation in a nitrogen atmosphere is recommended. The gold-tin
eutectic (80% Au 20% Sn) has a melting point of approximately 280º C (Note: Gold Germanium should be avoided). The work station
temperature should be 310º C +/- 10º C. Exposure to these extreme temperatures should be kept to minimum. The collet should be
heated, and the die pre-heated to avoid excessive thermal shock. Avoidance of air bridges and force impact are critical during
placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to the die's gold bond
pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99% pure gold ribbon with 0.5-2%
elongation to minimize RF port bond inductance. Gold 0.025 mm (0.001") diameter wedge or ball bonds are acceptable for DC Bias
connections. Aluminum wire should be avoided. Thermo-compression bonding is recommended though thermosonic bonding may
be used providing the ultrasonic content of the bond is minimized. Bond force, time and ultrasonics are all critical parameters. Bonds
should be made from the bond pads on the die to the package or substrate. All bonds should be as short as possible.
RoHS Compliant Parts - All Mimix products are RoHS compliant unless specifically ordered with Tin-Lead finish.
Part Number for Ordering
Description
XX1007-BD-000V
“V” - vacuum release gel paks
XX1007-BD-EV1
XX1007 die evaluation module
13.5-17.0/27.0-34.0 GHz GaAs MMIC
Active Doubler
X1007-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2009 - Rev 14-Jan-09


Similar Part No. - XX1007-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1007-BD-000V MIMIX-XX1007-BD-000V Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
More results

Similar Description - XX1007-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
   17.0-27.0 GHz GaAs MMIC Transmitter
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
   17.0-27.0 GHz GaAs MMIC Receiver
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
   27.0-35.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com