Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1002-QH Datasheet(PDF) 2 Page - Mimix Broadband

Part # XX1002-QH
Description  2.5-6.0/5.0-12.0 GHz Active Doubler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1002-QH Datasheet(HTML) 2 Page - Mimix Broadband

  XX1002-QH Datasheet HTML 1Page - Mimix Broadband XX1002-QH Datasheet HTML 2Page - Mimix Broadband XX1002-QH Datasheet HTML 3Page - Mimix Broadband XX1002-QH Datasheet HTML 4Page - Mimix Broadband XX1002-QH Datasheet HTML 5Page - Mimix Broadband XX1002-QH Datasheet HTML 6Page - Mimix Broadband XX1002-QH Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Doubler Measurements
Page 2 of 7
2.5-6.0/5.0-12.0 GHz Active Doubler
QFN, 4x4 mm
(x2) Output Power vs Output Frequency
0
2
4
6
8
10
12
14
16
18
20
4
5
6
7
8
9
10
11
12
13
14
Fout = 2xFin (GHz)
-3 dBm input
0 dBm input
+3 dBm input
Fundamental Leakage (dBm)
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
Fout = Fin (GHz)
-3 dBm input
0 dBm input
+3 dBm input
Fundamental Suppression (dBc) wrt Output Level
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
Fout = Fin (GHz)
-3 dBm input
0 dBm input
+3 dBm input
(3xFin) Harmonic Suppression (dBc) wrt Output Level
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
6
8
10
12
14
16
18
20
Fout = 3xFin (GHz)
-3 dBm input
0 dBm input
+3 dBm input
(4xFin) Harmonic Suppression wrt Output Level
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
22
24
26
28
Fout = 4xFin (GHz)
-3 dBm input
0 dBm input
+3 dBm input
X1002-QH
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 04-Mar-10


Similar Part No. - XX1002-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
logo
M/A-COM Technology Solu...
XX1002-QH MA-COM-XX1002-QH Datasheet
896Kb / 6P
   Active Doubler
logo
Mimix Broadband
XX1002-QH-0G00 MIMIX-XX1002-QH-0G00 Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
More results

Similar Description - XX1002-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1002 MIMIX-XX1002 Datasheet
374Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-BD MIMIX-XX1002-BD Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Transcom, Inc.
TA060-120-25-27 TRANSCOM-TA060-120-25-27 Datasheet
48Kb / 2P
   6.0 . 12.0 GHz 27dBmAmplifiers
logo
Mimix Broadband
XX1005-BD MIMIX-XX1005-BD Datasheet
218Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Transcom, Inc.
TA060-120-20-21 TRANSCOM-TA060-120-20-21 Datasheet
48Kb / 2P
   6.0 ??12.0 GHz 21dBmAmplifiers
TA060-120-45-30 TRANSCOM-TA060-120-45-30 Datasheet
47Kb / 2P
   6.0 ??12.0 GHz 30dBm Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com