Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF6704 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDMF6704
Description  The Xtra Small, High Performance, High Frequency DrMOS Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF6704 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDMF6704_09 Datasheet HTML 3Page - Fairchild Semiconductor FDMF6704_09 Datasheet HTML 4Page - Fairchild Semiconductor FDMF6704_09 Datasheet HTML 5Page - Fairchild Semiconductor FDMF6704_09 Datasheet HTML 6Page - Fairchild Semiconductor FDMF6704_09 Datasheet HTML 7Page - Fairchild Semiconductor FDMF6704_09 Datasheet HTML 8Page - Fairchild Semiconductor FDMF6704_09 Datasheet HTML 9Page - Fairchild Semiconductor FDMF6704_09 Datasheet HTML 10Page - Fairchild Semiconductor FDMF6704_09 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
www.fairchildsemi.com
FDMF6704 Rev. G
Typical Characteristics
VIN = 12V, VCIN = 5V, TA = 25°C unless otherwise noted.
Figure 9. Power Loss vs. Switching Frequency
Figure 10. Power Loss vs. Input Voltage
Figure 11. Power Loss vs. Driver Supply Voltage
Figure 12. Power Loss vs. Output Voltage
Figure 7. Safe Operating Area
Figure 8. Module Power Loss vs. Output Current
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
PCB Temperature, oC
VIN = 12 V
VOUT = 1.3 V
fSW = 1 MHz
L = 440 nH
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
ILOAD, A
fSW = 1 MHz
fSW = 350 kHz
VIN = 12 V
VOUT = 1.3 V
L = 440 nH
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
6
8
10
12
14
16
Input Voltage, V
VOUT = 1.3 V
IOUT = 30 A
L = 440 nH
fSW = 350 kHz
0.80
0.90
1.00
1.10
1.20
1.30
1.40
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
Output Voltage, V
VIN = 12 V
IOUT = 30 A
L = 440 nH
fSW = 350 kHz
0.89
0.92
0.95
0.98
1.01
1.04
1.07
1.10
4.5
4.8
5.1
5.4
5.7
6.0
Driver Supply Voltage, V
VIN = 12 V
VOUT = 1.3 V
IOUT = 30 A
L = 440 nH
fSW = 350 kHz
0.80
0.90
1.00
1.10
1.20
1.30
1.40
200
300
400
500
600
700
800
900
1000
fSW, kHz
VIN = 12 V
VOUT = 1.3 V
IOUT = 30 A
L = 440 nH


Similar Part No. - FDMF6704_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6704A FAIRCHILD-FDMF6704A Datasheet
678Kb / 12P
   The Xtra Small High Performance, High Frequency DrMOS Module
FDMF6704A FAIRCHILD-FDMF6704A Datasheet
721Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704A ONSEMI-FDMF6704A Datasheet
838Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. F
logo
Fairchild Semiconductor
FDMF6704A FAIRCHILD-FDMF6704A_09 Datasheet
721Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704V FAIRCHILD-FDMF6704V Datasheet
839Kb / 13P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
More results

Similar Description - FDMF6704_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6704A FAIRCHILD-FDMF6704A_09 Datasheet
721Kb / 14P
   The Xtra Small, High Performance, High Frequency DrMOS Module
FDMF6704 FAIRCHILD-FDMF6704 Datasheet
682Kb / 13P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704A ONSEMI-FDMF6704A Datasheet
838Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. F
logo
Fairchild Semiconductor
FDMF6704A FAIRCHILD-FDMF6704A Datasheet
678Kb / 12P
   The Xtra Small High Performance, High Frequency DrMOS Module
logo
ON Semiconductor
FDMF6704 ONSEMI-FDMF6704 Datasheet
952Kb / 16P
   The Xtra Small, High Performance, High Frequency DrMOS Module
Rev. G
FDMF6704V ONSEMI-FDMF6704V Datasheet
955Kb / 15P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
Rev.C
logo
Fairchild Semiconductor
FDMF6704V FAIRCHILD-FDMF6704V Datasheet
839Kb / 13P
   The Xtra Small, High Performance, High Frequency DrMOS Module with LDO
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com