Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KXXX0EH70 Datasheet(PDF) 1 Page - Littelfuse

Part # KXXX0EH70
Description  It is offered in a DO-15 and TO-92 leaded packages
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KXXX0EH70 Datasheet(HTML) 1 Page - Littelfuse

  KXXX0EH70 Datasheet HTML 1Page - Littelfuse KXXX0EH70 Datasheet HTML 2Page - Littelfuse KXXX0EH70 Datasheet HTML 3Page - Littelfuse KXXX0EH70 Datasheet HTML 4Page - Littelfuse KXXX0EH70 Datasheet HTML 5Page - Littelfuse KXXX0EH70 Datasheet HTML 6Page - Littelfuse KXXX0EH70 Datasheet HTML 7Page - Littelfuse KXXX0EH70 Datasheet HTML 8Page - Littelfuse KXXX0EH70 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
321
©2008 Littelfuse, Inc.
Revised: August 29, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
321
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Kxxx0yH Series
High Energy Bidirectional SIDACs
Kxxx0yH Series
Description
The new Kxxx0yH is a higher energy SIDAC switch for gas
ignition applications requiring higher current pulse current
especially at low repetition rate. It is offered in a DO-15 and
TO-92 leaded packages as well as DO-214 surface mount
package. Voltage activation of this solid state switch is
accomplished with peak voltage level of 190 to 280Volts. The
SIDAC is a silicon bilateral voltage triggered Thyristor switch
that switches on through a negative resistance region to a
low on-state voltage. Conduction will continue until current
is interrupted or lowered below minimum holding current of
the device.
Features
Electrical Specifications (T
J = 25°C, unless otherwise specified)
Symbol
Parameters
Test Conditions
Min
Max
Unit
V
BO
Breakover/Trigger Voltage
K2000yH
190
215
V
K2200yH
205
230
K2400yH
220
250
K2500yH
240
280
V
DRM
Repetitive Peak Off-state Voltage
K2000yH
180
V
K2200yH
180
K2400yH
190
K2500yH
200
I
T(RMS)
On-state RMS Current
50/60Hz, T
J < 125°C
1
A
V
TM
Peak On-state Voltage
I
T = 1A
1.5
V
I
H
Dynamic Holding Current
R
L = 100Ω
50/60Hz Sine Wave
150
mA
R
S
(V
BO – VS)
Switching Resistance, R
S=
________
(I
S – IBO)
50/60Hz Sine Wave
100
I
BO
Breakover Current
50/60Hz Sine Wave
50
μA
I
TRM
Peak Repetitive Pulse Current
(refer to figure 4)
t
p = 10μs
60Hz
120
A
5Hz
280
di/dt
Critical Rate of Rise of On-State Current
150
A/μs
dv/dt
Critical Rate of Rise of Off-State Voltage
1500
V/μs
T
S
Storage Temperature Range
-40
150
°C
T
J
Junction Temperature Range
-40
125
°C
R
JL
Thermal Resistance, Junction to Lead
DO-15
18
°C/W
DO-214
30
R
JC
Thermal Resistance, Junction to Case
DO-92
35
°C/W
R
JA
Thermal Resistance, Junction to Ambient
DO-15
75
°C/W
DO-92
95
Schematic Symbol
Applications
Suitable for high voltage power supplies, natural gas
igniters, and Xenon flash ignition.
to 280V
Capability
Note: xxx - voltage, y = package


Similar Part No. - KXXX0EH70

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KXXX0E70 LITTELFUSE-KXXX0E70 Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
KXXX0E70AP LITTELFUSE-KXXX0E70AP Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
KXXX0E70RP2 LITTELFUSE-KXXX0E70RP2 Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
KXXX0E70RP3 LITTELFUSE-KXXX0E70RP3 Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
More results

Similar Description - KXXX0EH70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
3M Electronics
5432-2 3M-5432-2 Datasheet
22Kb / 2P
   Do-It Yourself Test Probe and Kit
5432-0 3M-5432-0 Datasheet
20Kb / 1P
   Do-It Yourself Test Probe and Kit
logo
Pomona Electronics
4933 POMONA-4933 Datasheet
23Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Plug
4934 POMONA-4934 Datasheet
43Kb / 1P
   Do-It-Yourself In-Line Sheathed Banana Jacks
logo
Foshan Blue Rocket Elec...
MAC97A8 FOSHAN-MAC97A8 Datasheet
938Kb / 7P
   Triac in a TO-92 Plastic Package
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
   Thyristor in a TO-92 Plastic Package
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
   Thyristor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com