Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6961 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN6961
Description  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6961 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6961 Datasheet HTML 2Page - Fairchild Semiconductor FAN6961 Datasheet HTML 3Page - Fairchild Semiconductor FAN6961 Datasheet HTML 4Page - Fairchild Semiconductor FAN6961 Datasheet HTML 5Page - Fairchild Semiconductor FAN6961 Datasheet HTML 6Page - Fairchild Semiconductor FAN6961 Datasheet HTML 7Page - Fairchild Semiconductor FAN6961 Datasheet HTML 8Page - Fairchild Semiconductor FAN6961 Datasheet HTML 9Page - Fairchild Semiconductor FAN6961 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
6
Electrical Characteristics
Unless otherwise noted, VDD = 12V, TJ = -40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply
ISTARTUP
Startup Supply Current
VDD = VON – 0.2V
80
110
µA
IDD
Operating Current
Output Not Switching
3.7
5.2
mA
IDD_DYM
Dynamic Operating Current
(5)
fSW = 50kHz; CLOAD = 2nF
4
6
mA
VON
UVLO Start Threshold, FAN9611
VDD Increasing
9.5
10.0
10.5
V
UVLO Start Threshold, FAN9612
12.0
12.5
13.0
V
VOFF
UVLO Stop Threshold Voltage
VDD Decreasing
7.0
7.5
8.0
V
VHYS
UVLO Hysteresis, FAN9611
VON – VOFF
2.5
V
UVLO Hysteresis, FAN9612
5.0
V
Bias Regulator
(C5VB = 0.1µF)
V5VB
5VB Output Voltage
TA = 25°C; ILOAD = 1mA
5.0
V
Total Variation Over Line,
Load, and Temperature
4.8
5.2
IOUT_MAX
Maximum Output Current
5.0
mA
Error Amplifier
VEA
Voltage Reference
TA = 25°C
2.95
3.00
3.05
V
Total Variation Over Line,
Load, and Temperature
2.91
3.075
IBIAS
Input Bias Current
VFB = 1V to 3V;
|VSS – VFB| ≤ 0.1V
–0.2
0.2
µA
IOUT_SRC
Output Source Current
VSS = 3V; VFB = 2.9V
-13.7
-8
-4
µA
IOUT_SINK
Output Sink Current
VSS = 3V; VFB = 3.1V
4
8
12
µA
VOH
Output High Voltage
4.5
4.7
V5VB
V
VOL
Output Low Voltage
ISINK < 100µA
0.0
0.1
0.2
V
gM
Transconductance
50
78
115
µmho
PWM
VRAMP,OFST PWM Ramp Offset
TA = 25°C
120
195
270
mV
tON,MIN
Minimum On-Time
VFB > VSS
0
µs
Maximum On-Time
VMOT
Maximum On-Time Voltage
R = 125k
1.16
1.25
1.30
V
tON,MAX
Maximum On-Time
R = 125k
; VVIN = 2.5V;
VCOMP > 4.5V; TA = 25°C
3.4
5.0
6.6
µs
Restart Timer
(Each Channel)
fSW,MIN
Minimum Switching Frequency
VFB > VPWM_OFFSET
12.5
16.5
20.0
kHz
Frequency Clamp
(Each Channel)
fSW,MAX
Maximum Switching Frequency
(5)
400
525
630
kHz
Continued on the following page…


Similar Part No. - FAN6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
FAN6961DZ FAIRCHILD-FAN6961DZ Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
FAN6961SY FAIRCHILD-FAN6961SY Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
FAN6961SZ FAIRCHILD-FAN6961SZ Datasheet
663Kb / 13P
   Boundary Mode PFC Controller
More results

Similar Description - FAN6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com