Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN73933 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN73933
Description  Half-Bridge Gate Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN73933 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN73933 Datasheet HTML 3Page - Fairchild Semiconductor FAN73933 Datasheet HTML 4Page - Fairchild Semiconductor FAN73933 Datasheet HTML 5Page - Fairchild Semiconductor FAN73933 Datasheet HTML 6Page - Fairchild Semiconductor FAN73933 Datasheet HTML 7Page - Fairchild Semiconductor FAN73933 Datasheet HTML 8Page - Fairchild Semiconductor FAN73933 Datasheet HTML 9Page - Fairchild Semiconductor FAN73933 Datasheet HTML 10Page - Fairchild Semiconductor FAN73933 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73933 • Rev. 1.0.0
7
Typical Characteristics
Figure 4. Turn-On Propagation Delay
vs. Temperature
Figure 5. Turn-Off Propagation Delay
vs. Temperature
Figure 6. Turn-On Rise Time
vs. Temperature
Figure 7. Turn-Off Fall Time
vs. Temperature
Figure 8. Dead Time (RDT=0Ω) vs. Temperature
Figure 9. Dead Time Matching (RDT=0Ω)
vs. Temperature
-40
-20
0
20
406080
100
120
90
110
130
150
170
190
210
230
High-Side
Low-Side
Temperature [°C]
-40
-20
0
20
40
60
80
100
120
90
110
130
150
170
190
210
230
High-Side
Low-Side
Temperature [°C]
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
High-Side
Low-Side
Temperature [°C]
-40
-20
0
2040
6080
100
120
0
10
20
30
High-Side
Low-Side
Temperature [°C]
-40
-20
0
2040
6080
100
120
150
200
250
300
DT1
DT2
(R
DT
=0Ω)
Temperature [°C]
-40
-20
0
20
40
60
80
100
120
-50
-25
0
25
50
(R
DT
=0Ω)
Temperature [°C]


Similar Part No. - FAN73933

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN73933 ONSEMI-FAN73933 Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
FAN73933M ONSEMI-FAN73933M Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
FAN73933MX ONSEMI-FAN73933MX Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
More results

Similar Description - FAN73933

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN7393A ONSEMI-FAN7393A Datasheet
2Mb / 17P
   Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73833 FAIRCHILD-FAN73833 Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73833 ONSEMI-FAN73833 Datasheet
1Mb / 15P
   Half-Bridge Gate-Drive IC
October 2012 Rev. 1.0.2
FAN73933 ONSEMI-FAN73933 Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
logo
Fairchild Semiconductor
FAN7393A FAIRCHILD-FAN7393A_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com