Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7621SSJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7621SSJ
Description  PFM Controller for Half-Bridge Resonant Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7621SSJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7621SSJ Datasheet HTML 1Page - Fairchild Semiconductor FAN7621SSJ Datasheet HTML 2Page - Fairchild Semiconductor FAN7621SSJ Datasheet HTML 3Page - Fairchild Semiconductor FAN7621SSJ Datasheet HTML 4Page - Fairchild Semiconductor FAN7621SSJ Datasheet HTML 5Page - Fairchild Semiconductor FAN7621SSJ Datasheet HTML 6Page - Fairchild Semiconductor FAN7621SSJ Datasheet HTML 7Page - Fairchild Semiconductor FAN7621SSJ Datasheet HTML 8Page - Fairchild Semiconductor FAN7621SSJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2010
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7621S • Rev. 1.0.1
FAN7621S
PFM Controller for Half-Bridge Resonant Converters
Features
Variable Frequency Control with 50% Duty Cycle
for Half-bridge Resonant Converter Topology
High Efficiency through Zero Voltage Switching (ZVS)
Fixed Dead Time: 350ns
Up to 300kHz Operating Frequency
Auto-Restart Operation for All Protections with
an External LVCC
Protection Functions: Over-Voltage Protection
(OVP), Over-Current Protection (OCP), Abnormal
Over-Current Protection (AOCP), Internal Thermal
Shutdown (TSD)
Applications
PDP and LCD TVs
Desktop PCs and Servers
Adapters
Telecom Power Supplies
Video Game Consoles
Description
The FAN7621S is a pulse frequency modulation
controller
for
high-efficiency
half-bridge
resonant
converters. Offering everything necessary to build a
reliable and robust resonant converter, the FAN7621S
simplifies designs and improves productivity, while
improving performance. The FAN7621S includes a high-
side gate-drive circuit, an accurate current-controlled
oscillator, frequency-limit circuit, soft-start, and built-in
protection functions. The high-side gate-drive circuit has
a common-mode noise cancellation capability, which
guarantees stable operation with excellent noise
immunity.
Using
the
zero-voltage-switching
(ZVS)
technique dramatically reduces the switching losses and
significantly improves efficiency. The ZVS also reduces
the switching noise noticeably, which allows a small-
sized Electromagnetic Interference (EMI) filter.
The FAN7621S can be applied to various resonant
converter topologies; such as series resonant, parallel
resonant, and LLC resonant converters.
Related Resources
AN4151 — Half-Bridge LLC Resonant Converter Design
Using FSFR-Series Fairchild Power Switch (FPS
TM)
Ordering Information
Part Number
Operating Junction
Temperature
Package
Packaging
Method
FAN7621SSJ
-40
°C to +130°C
16-Lead, Small Outline Package (SOP)
Tube
FAN7621SSJX
Tape & Reel


Similar Part No. - FAN7621SSJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7621SSJ ONSEMI-FAN7621SSJ Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
FAN7621SSJX ONSEMI-FAN7621SSJX Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
More results

Similar Description - FAN7621SSJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7631 FAIRCHILD-FAN7631 Datasheet
1Mb / 19P
   Advanced Pulse Frequency Modulation (PFM) Controller for Half-Bridge Resonant Converters
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com