Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7389MX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7389MX
Description  3-Phase Half-Bridge Gate-Drive IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7389MX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7389MX Datasheet HTML 1Page - Fairchild Semiconductor FAN7389MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7389MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7389MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7389MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7389MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7389MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7389MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7389MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2010
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7389 • Rev. 1.0.0
FAN7389
3-Phase Half-Bridge Gate-Drive IC
Features
Floating Channel for Bootstrap Operation to +600V
Typically 350mA/650mA Sourcing/Sinking Current
Driving Capability for All Channels
Extended Allowable Negative VS Swing to -9.8V for
Signal Propagation at VDD=VBS=15V
Output In-Phase with Input Signal
Over-Current Shutdown Turns off All Six Drivers
Matched Propagation Delay for All Channels
3.3V and 5V Input Logic Compatible
Adjustable Fault-Clear Timing
Built-in Advanced Input Filter
Built-in Shoot-Through Prevention Logic
Built-in Soft Turn-Off Function
Common-Mode dv/dt Noise Canceling Circuit
Built-in UVLO Functions for All Channels
Applications
3-Phase Motor Inverter Driver
Air Conditioners
Washing Machines
General-Purpose Three-Phase Inverters
Description
The FAN7389 is a monolithic three-phase half-bridge
gate-drive IC designed for high-voltage, high-speed
driving MOSFETs and IGBTs operating up to +600V.
Fairchild’s high-voltage process and common-mode
noise canceling technique provide stable operation of
high-side drivers under high-dv/dt noise circumstances.
An advanced level-shift circuit allows high-side gate
driver operation up to VS = -9.8V (typical) for VBS =15V.
The protection functions include under-voltage lockout
and inverter over-current trip with an automatic fault-
clear function.
Over-current protection that terminates all six outputs
can be derived from an external current-sense resistor.
An open-drain fault signal is provided to indicate that an
over-current or under-voltage shutdown has occurred.
The UVLO circuits prevent malfunction when VDD and
VBS are lower than the specified threshold voltage.
Output drivers typically source and sink 350mA and
650mA, respectively; which is suitable for three-phase
half-bridge applications in motor drive systems.
Ordering Information
Part Number
Package
Operating Temperature
Packing Method
FAN7389M
(1)
24-SOP
-40 to +125°C
Tube
FAN7389MX
(1)
Tape & Reel
Note:
1.
These devices passed wave soldering test by JESD22A-111.
24-SOIC


Similar Part No. - FAN7389MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7389MX1 FAIRCHILD-FAN7389MX1 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
FAN7389MX1 FAIRCHILD-FAN7389MX1_12 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
More results

Similar Description - FAN7389MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_13 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
FAN73892 FAIRCHILD-FAN73892 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73893 ONSEMI-FAN73893 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73894 ONSEMI-FAN73894 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73895 ONSEMI-FAN73895 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
FAN7390 ONSEMI-FAN7390 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
July 2012 Rev. 1.0.6
FAN7888 ONSEMI-FAN7888 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
April 2016 Rev. 1.5
logo
Fairchild Semiconductor
FAN7888 FAIRCHILD-FAN7888 Datasheet
1Mb / 14P
   3 Half-Bridge Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com