Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7362 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7362
Description  High-Side Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7362 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7362 Datasheet HTML 1Page - Fairchild Semiconductor FAN7362 Datasheet HTML 2Page - Fairchild Semiconductor FAN7362 Datasheet HTML 3Page - Fairchild Semiconductor FAN7362 Datasheet HTML 4Page - Fairchild Semiconductor FAN7362 Datasheet HTML 5Page - Fairchild Semiconductor FAN7362 Datasheet HTML 6Page - Fairchild Semiconductor FAN7362 Datasheet HTML 7Page - Fairchild Semiconductor FAN7362 Datasheet HTML 8Page - Fairchild Semiconductor FAN7362 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
November 2009
FAN7361, FAN7362 Rev. 1.0.8
FAN7361, FAN7362
High-Side Gate Driver
Features
!
Floating Channel Designed for Bootstrap
Operation to +600V
!
Typically 250mA/500mA Sourcing/Sinking Current
Driving Capability
!
Common-Mode dv/dt Noise Canceling Circuit
!
VCC & VBS Supply Range from 10V to 20V
!
UVLO Function for VBS
!
Output In-phase with Input Signal
!
8-SOP
Applications
!
PDP Scan Driver
!
Motor Control
!
SMPS
!
Electronic Ballast
Description
The FAN7361/FAN7362, a monolithic high-side gate
drive IC, can drive MOSFETs and IGBTs that operate up
to +600V. Fairchild’s high-voltage process and common-
mode noise canceling techniques provide stable opera-
tion of the high-side driver under high dv/dt noise circum-
stances. An advanced level shift circuit offers high-side
gate driver operation up to VS=-9.8V(typ.) for VBS=15V.
The UVLO circuit prevents malfunction when VBS is
lower than the specified threshold voltage. Output drivers
typically source/sink 250mA/500mA, respectively, which
is suitable for fluorescent lamp ballast, PDP scan driver,
motor control, and so on.
8-SOP
Ordering Information
Note:
1. These devices passed wave soldering test by JESD22A-111.
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Part Number
Package
Operating
Temperature Range
Eco Status
Packing Method
FAN7361M(1)
8-SOP
-40°C ~ 125°C
RoHS
Tube
FAN7361MX(1)
Tape & Reel
FAN7362M(1)
Tube
FAN7362MX(1)
Tape & Reel


Similar Part No. - FAN7362

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362M FAIRCHILD-FAN7362M Datasheet
629Kb / 9P
   High-Side Gate Driver
FAN7362M FAIRCHILD-FAN7362M Datasheet
444Kb / 9P
   High-Side Gate Driver
More results

Similar Description - FAN7362

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7081-GF085 ONSEMI-FAN7081-GF085 Datasheet
447Kb / 15P
   High Side Gate Driver
September-2017, Rev.2
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com