Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1010-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # XU1010-BD
Description  17.0-34.0 GHz GaAs MMIC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1010-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XU1010-BD_09 Datasheet HTML 1Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17.0-34.0 GHz GaAs MMIC
Up-Converter
Page 1 of 1
Features
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
September 2009 - Rev 11-Sep-09
U1010-BD
Integrated Balanced Mixer, LO Buffer and LO Doubler
+23.0 dBm Input Third Order Intercept (IIP3)
+2.0 dBm LO Drive Level
100% On-Wafer RF Testing
Mimix Broadband’s 17.0-34.0 GHz GaAs up-converter
has an input third order intercept point of +22.0 dBm
and 10.0 dB of conversion loss.The device consists of
a balanced resistive pHEMT mixer, LO buffer amplifier
and LO doubler. The device includes on-chip ESD
protection structures and DC by-pass capacitors to
ease the implementation and volume assembly of the
part. This device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
General Description
Electrical Characteristics (AmbientTemperature T = 25 oC)
Parameter
Frequency Range (RF)
Frequency Range (LO)
Frequency Range (IF)
Conversion Loss (CL)
Input Third Order Intercept (IIP3)
LO Input Drive
RF Input Return Loss
LO Input Return Loss
IF Input Return Loss
2xLO Leakage at RF
1xLO Leakage at RF
Drain Bias Voltage (Vd1,2)
Gate Bias Voltage (Vg1)
Gate Bias Voltage (Vg2,3)
Gate Bias Voltage (Vss)
Supply Current (Id1)
Supply Current (Id2)
Supply Current (Iss)
Units
GHz
GHz
GHz
dB
dBm
dBm
dB
dB
dB
dBm
dBm
VDC
VDC
VDC
VDC
mA
mA
mA
Min.
17
8
DC
Typ.
10
23
2
15
15
15
-20
-30
4.0
~ -0.2
-0.8
-4.0
130
~ 60
45
Max.
34
20
3.5
Absolute Maximum Ratings
Parameter
Units Min. Max.
Drain Voltage Supply (Vdd)
V
-
4.3
Drain Current (Ids)
mA
-
350
Input Power (Pin) IF
dBm -
5
Input Power (Pin) LO
dBm -
10
Storage Temperature (Tstg)
°C
-55 +150
Operating Backside Temperature (Tb)
°C
-45
+85


Similar Part No. - XU1010-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1010-BD MIMIX-XU1010-BD Datasheet
1Mb / 1P
   16.0-36.0 GHz GaAs MMIC Up-Converter
More results

Similar Description - XU1010-BD_09

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
XR1002 MIMIX-XR1002 Datasheet
402Kb / 10P
   18.0-34.0 GHz GaAs MMIC Receiver
XP1019-BD MIMIX-XP1019-BD_08 Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com