Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HQ6025NH5 Datasheet(PDF) 2 Page - Littelfuse

Part # HQ6025NH5
Description  25Amp bi-directional Alternistor Triac is designed for AC switching and phase
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HQ6025NH5 Datasheet(HTML) 2 Page - Littelfuse

  HQ6025NH5 Datasheet HTML 1Page - Littelfuse HQ6025NH5 Datasheet HTML 2Page - Littelfuse HQ6025NH5 Datasheet HTML 3Page - Littelfuse HQ6025NH5 Datasheet HTML 4Page - Littelfuse HQ6025NH5 Datasheet HTML 5Page - Littelfuse HQ6025NH5 Datasheet HTML 6Page - Littelfuse HQ6025NH5 Datasheet HTML 7Page - Littelfuse HQ6025NH5 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
130
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
25 Amp High Temperature Alternistor Triacs
HQ6025xH5 Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Quadrant
Value
Unit
I
GT
V
D = 12V; RL = 60
I – II – III
MAX.
50
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM; RL = 3.3 k
; T
J = 150°C
I – II – III
MIN.
0.2
V
I
H
I
T = 400mA (initial)
MAX.
80
mA
dv/dt
V
D = VDRM; Gate Open; TJ = 150°C
MIN.
350
V/μs
(dv/dt)c
(di/dt)c = 13.3 A/ms; T
J = 150°C
MIN.
20
V/μs
t
gt
I
G = 2 x IGT ; PW = 15μs; IT = 35.4 A
TYP.
3
μs
Symbol
Test Conditions
Value
Unit
V
TM
I
T = 35.4A; tp = 380 μs
MAX.
1.4
V
I
DRM / IRRM
V
DRM / VRRM
T
J = 25°C
MAX.
5
μA
T
J = 150°C
6000
Static Characteristics
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
HQ6025LH5
T
C = 95°C
25
A
HQ6025RH5
HQ6025NH5
HQ6025KH5
T
C = 102°C
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
250
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
300
I2tI2t Value for fusing
t
p = 8.3ms
373
A2s
di/dt
Critical rate-of-rise of on-state current
f = 60Hz; T
J =150°C
100
A/μs
I
GTM
Peak gate current
T
J = 150°C
2A
P
G(AV)
Average gate power dissipation
T
J = 150°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 150
°C
Thermal Resistances
Symbol
Parameter
Value
Unit
R
(J-C)
Junction to case (AC)
HQ6025LH5
2.0
°C/W
HQ6025RH5
HQ6025NH5
0.86
HQ6025KH5
1.35
R
(J-A)
Junction to ambient
HQ6025LH5
50
°C/W
HQ6025RH5
45
Note: xx = voltage


Similar Part No. - HQ6025NH5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HQ6025NH5 LITTELFUSE-HQ6025NH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
logo
Inchange Semiconductor ...
HQ6025NH5 ISC-HQ6025NH5 Datasheet
384Kb / 2P
   isc Triacs
logo
Littelfuse
HQ6025NH581 LITTELFUSE-HQ6025NH581 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
HQ6025NH5RP LITTELFUSE-HQ6025NH5RP Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
HQ6025NH5TP LITTELFUSE-HQ6025NH5TP Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
More results

Similar Description - HQ6025NH5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
QJXX16XHX LITTELFUSE-QJXX16XHX Datasheet
1Mb / 8P
   This 16A high temperature alternistor triac solid state switch series is designed for AC switching and phase
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com