Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1008-QB Datasheet(PDF) 7 Page - Mimix Broadband

Part # XR1008-QB
Description  35.0-45.0 GHz GaAs Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1008-QB Datasheet(HTML) 7 Page - Mimix Broadband

  XR1008-QB_10 Datasheet HTML 1Page - Mimix Broadband XR1008-QB_10 Datasheet HTML 2Page - Mimix Broadband XR1008-QB_10 Datasheet HTML 3Page - Mimix Broadband XR1008-QB_10 Datasheet HTML 4Page - Mimix Broadband XR1008-QB_10 Datasheet HTML 5Page - Mimix Broadband XR1008-QB_10 Datasheet HTML 6Page - Mimix Broadband XR1008-QB_10 Datasheet HTML 7Page - Mimix Broadband XR1008-QB_10 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7 of 8
R1008-QB
App Note [3] USB/LSB Selection
-
USB
LSB
IF1
IF2
An alternate method of Selection of USB or LSB:
For Lower Side Band operation (LSB):
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the LSB signal will reside on the input
port. The isolated port must be loaded
with 50 ohms.
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the USB signal will reside on the
isolated port. The input port must be
loaded with 50 ohms.
For Upper Side Band operation (USB):
-90o
In Phase Combiner
USB
In Phase Combiner
LSB
-90o
IF2
IF1
IF2
IF1
Factory Automation and Identification
Mimix
Designator
-QB
Package
Type
QFN (7x7mm)
P
1 Component
Pitch
12mm
P
0 Hole
Pitch
4mm
W Tape
Width
16mm
Number of
leads offered
28
Reel
Diameter
329mm (13in)
Units
per Reel
1000
Tape and Reel Packaging per the following conditions:
Tape Width:
16 mm
Tape Pitch (part to part):
12 mm
Component Orientation:
Parts are to be oriented with the PIN 1 closest to the tape's round sprocket holes on the tape’s trailing edge.
Reel Diameter:
329 mm (13 inch)
Note:Tape and Reel packaging is ordered with a -000T suffix. Package is available in 500 unit reels through designated sales channels.
Minimum order quantities should be discussed with your local sales representative.
35.0-45.0 GHz GaAs Receiver
SMT, 7x7 mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
July 2010 - Rev 23-Jul-10


Similar Part No. - XR1008-QB_10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB_15 Datasheet
972Kb / 7P
   GaAs Receiver
XR1008-QB MA-COM-XR1008-QB_16 Datasheet
861Kb / 9P
   Sub-harmonic, Image Reject Receiver
More results

Similar Description - XR1008-QB_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB_08 Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
B1005-BD MIMIX-B1005-BD_08 Datasheet
727Kb / 12P
   35.0-45.0 GHz GaAs MMIC
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
   35.0-45.0 GHz GaAs MMIC Power Amplifier
XB1005 MIMIX-XB1005 Datasheet
1Mb / 12P
   35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XB1005-BD MIMIX-XB1005-BD Datasheet
737Kb / 12P
   35.0-45.0 GHz GaAs MMIC Buffer Amplifier
XL1004-BD MIMIX-XL1004-BD Datasheet
159Kb / 6P
   35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
XL1004 MIMIX-XL1004 Datasheet
158Kb / 6P
   35.0-45.0 GHz GaAs MMIC Low Noise Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
   27.0-35.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com