Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1556UBLXX Datasheet(PDF) 3 Page - Littelfuse

Part # P1556UBLXX
Description  The series provides a dual port surface mount solution that enables voice
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1556UBLXX Datasheet(HTML) 3 Page - Littelfuse

  P1556UBLXX Datasheet HTML 1Page - Littelfuse P1556UBLXX Datasheet HTML 2Page - Littelfuse P1556UBLXX Datasheet HTML 3Page - Littelfuse P1556UBLXX Datasheet HTML 4Page - Littelfuse P1556UBLXX Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SIDACtor® ProtectionThyristors
155
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
Capacitance Values
Note: Off-state capacitance (C
O) is measured at 1 MHz with a 2 V bias.
Part Number
pF
Pin 1-2 / 3-2 (4-5 / 6-5)
Tip-Ground, Ring-Ground
pF
Pin 1-3 (4-6)
Tip-Ring
MIN
MAX
MIN
MAX
A2106UA6Lxx
20
60
10
30
A5030UA6Lxx
15
35
10
45
A2106UB6Lxx
20
60
10
30
A5030UB6Lxx
15
35
10
45
A2106UC6Lxx
20
70
10
45
A5030UC6Lxx
25
40
20
35
P1556UALxx
20
45
10
30
P1806UALxx
20
40
10
30
P2106UALxx
15
35
10
25
P2356UALxx
15
35
10
25
P2706UALxx
15
35
10
25
P3206UALxx
15
30
10
20
P3406UALxx
15
30
10
20
P5106UALxx
10
20
5
15
P1556UBLxx
20
45
10
30
P1806UBLxx
20
40
10
30
P2106UBLxx
15
35
10
25
P2356UBLxx
15
35
10
25
P2706UBLxx
15
35
10
25
P3206UBLxx
15
30
10
20
P3406UBLxx
15
30
10
20
P5106UBLxx
10
20
5
15
P1556UCLxx
30
55
20
35
P1806UCLxx
30
50
15
35
P2106UCLxx
30
45
15
30
P2356UCLxx
25
40
15
30
P2706UCLxx
25
40
15
30
P3206UCLxx
20
35
15
25
P3406UCLxx
20
35
15
25
P5106UCLxx
20
30
10
20
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Figure 1
Soldering Parameters
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Autoclave (Pressure
Cooker Test)
JEDEC, JESD22-A-102
Resistance to Solder
Heat
Moisture Sensitivity
Level
Reflow Condition
Pb-Free assembly
(see Fig. 1)
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
60-180 secs.
Average ramp up rate (LiquidusTemp (T
L)
to peak)
3°C/sec. Max.
T
S(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
60-150 secs.
PeakTemp (T
P)
Time within 5°C of actual PeakTemp (t
p)
30 secs. Max.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to PeakTemp (T
P)
8 min. Max.
Do not exceed


Similar Part No. - P1556UBLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1556UBL LITTELFUSE-P1556UBL Datasheet
156Kb / 5P
   SIDACtor짰 Balanced Multiport Series - MS-013
P1556UBL LITTELFUSE-P1556UBL Datasheet
178Kb / 3P
   Multiport Balanced SIDACtor Device
More results

Similar Description - P1556UBLXX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
P1553AALXX LITTELFUSE-P1553AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P0080SALRP LITTELFUSE-P0080SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
   The series provides a cost-effective through-hole solution that enables
P0080SDLRP LITTELFUSE-P0080SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Littelfuse
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641UALXX LITTELFUSE-P0641UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com