Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0641SALRP Datasheet(PDF) 1 Page - Littelfuse

Part # P0641SALRP
Description  The series provides single line protection using a fixed voltage switching device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0641SALRP Datasheet(HTML) 1 Page - Littelfuse

  P0641SALRP Datasheet HTML 1Page - Littelfuse P0641SALRP Datasheet HTML 2Page - Littelfuse P0641SALRP Datasheet HTML 3Page - Littelfuse P0641SALRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDACtor® ProtectionThyristors
89
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
Fixed Voltage Series - DO-214
Electrical Characteristics
Fixed Voltage Series DO-214 are uni-directional SIDACtor®
devices designed to protect SLICs (Subscriber Line
Interface Circuit) from damaging overvoltage transients.
The series provides single line protection using a fixed
voltage switching device for negative surges. All positive
surges are routed through an internal diode to a ground
reference.
Description
Applicable Global Standards
Features and Benefits
Low voltage overshoot
Low on-state voltage
Does not degrade with
use
Fails short circuit when
surged in excess of
ratings
Integrated diode for
positive voltage surges
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Pinout Designation
(T/R)
(G)
Part Number
Marking
V
DRM
@l
DRM=5μA
V
S
@100V/μs
I
H
I
S
I
T
V
T
@I
T=2.2 Amps
V
F
Capacitance
@1MHz, -2V bias
V min
V max
mA min
mA
max
A max
V max
V max
pF
pF min
pF max
P0641SALRP
P61A
58
77
120
800
2.2
4
5
50
90
P0721SALRP
P71A
65
88
120
800
2.2
4
5
45
85
P0901SALRP
P91A
75
98
120
800
2.2
4
5
45
80
P1101SALRP
P01A
95
130
120
800
2.2
4
5
40
70
P1301SALRP
P131A
120
160
120
800
2.2
4
5
40
70
P1701SALRP
P17A
160
200
120
800
2.2
4
5
30
55
P0641SCLRP
P61C
58
77
120
800
2.2
4
5
65
200
P0721SCLRP
P71C
65
88
120
800
2.2
4
5
60
190
P0901SCLRP
P91C
75
98
120
800
2.2
4
5
60
180
P1101SCLRP
P01C
95
130
120
800
2.2
4
5
50
160
P1301SCLRP
P131C
120
160
120
800
2.2
4
5
50
160
P1701SCLRP
P17C
160
200
120
800
2.2
4
5
40
130
Indicates cathode
TIA-968-A
TIA-968-B
ITU K.20/21 Enhanced
Level
ITU K.20/21 Basic Level
GR 1089 Inter-building*
GR 1089 Intra-building*
IEC 61000-4-5
YD/T 1082
YD/T 993
YD/T 950
*A-rated parts require series resistance
Notes:
- Absolute maximum ratings measured at T
A= 25ºC (unless otherwise noted).
- Devices are uni-directional


Similar Part No. - P0641SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641SAL LITTELFUSE-P0641SAL Datasheet
148Kb / 3P
   Fixed Voltage SLIC Protector
P0641SAL LITTELFUSE-P0641SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
More results

Similar Description - P0641SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641Q22CLRP LITTELFUSE-P0641Q22CLRP Datasheet
133Kb / 4P
   The series provides single line protection using a fixed voltage switching device
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
P0641CA2LRP LITTELFUSE-P0641CA2LRP Datasheet
142Kb / 4P
   The series provides single port protection using fixed voltage switching devices
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
P1200SALRP LITTELFUSE-P1200SALRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
A1220UA4LXX LITTELFUSE-A1220UA4LXX Datasheet
145Kb / 4P
   The series provides a specialized asymmetrical dual port overvoltage protection
P0641UALXX LITTELFUSE-P0641UALXX Datasheet
150Kb / 5P
   The series provides a high surge current rated dual port protection
logo
SynQor Worldwide Headqu...
BQ55090QEX60 SYNQOR-BQ55090QEX60 Datasheet
2Mb / 14P
   Fixed frequency switching provides predictable EMI
PQ60120SMX04 SYNQOR-PQ60120SMX04 Datasheet
1Mb / 15P
   Fixed frequency switching provides predictable EMI
logo
Littelfuse
P0302AAMCLXX LITTELFUSE-P0302AAMCLXX Datasheet
152Kb / 5P
   The series provides a robust single port solution that enables equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com