Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WR5004X Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # WR5004X
Description  Single Color ?5 Round Shape Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

WR5004X Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button WR5004X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. WR5004X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Single Color φ5 Round Shape Type
WR5004X
Page 9
2010.03.10
Reliability Testing Result
Failure Criteria
Reliability Testing
Result
Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJED-
4701/ 100(101)
Ta = 25℃, IF = Maxium Rated Current
1,000 h
0/ 25
Resistance to
Soldering Heat
EIAJED-
4701/ 300(302)
260±5℃, 3mm from package base
10s
0/ 25
Temperature Cycling
EIAJED-
4701/ 100(105)
Minimum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
∼Maximum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
5 cycles
0/ 25
Wet High Temp.
Storage Life
EIAJED-
4701/ 100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/ 25
High Temp.
Storage Life
EIAJED-
4701/ 200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/ 25
Low Temp.
Storage Life
EIAJED-
4701/ 200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/ 25
Lead Tension
EIAJED-
4701/ 400(401)
10N,1time (
0.4 and Flat Package : 5N)
10s
0/ 10
Vibration,
Variable Frequency
EIAJED-
4701/ 400(403)
98.1m/ s
2
(10G), 100 ∼ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/ 10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IFValue of each product
Luminous Intensity
Testing Min. Value < Spec. M in. Value x 0.5
Forward Voltage
VF
IFValue of each product
Forward Voltage
Testing Max. Value ≧ Spec. M ax. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. M ax. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking


Similar Part No. - WR5004X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
More results

Similar Description - WR5004X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
BR5335S STANLEY-BR5335S Datasheet
2Mb / 33P
   Single Color 5 Round Shape Type
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
WR5005S STANLEY-WR5005S Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com