Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6300HNY Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN6300HNY
Description  Highly Integrated Quasi-Resonant Current Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300HNY Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6300HNY Datasheet HTML 7Page - Fairchild Semiconductor FAN6300HNY Datasheet HTML 8Page - Fairchild Semiconductor FAN6300HNY Datasheet HTML 9Page - Fairchild Semiconductor FAN6300HNY Datasheet HTML 10Page - Fairchild Semiconductor FAN6300HNY Datasheet HTML 11Page - Fairchild Semiconductor FAN6300HNY Datasheet HTML 12Page - Fairchild Semiconductor FAN6300HNY Datasheet HTML 13Page - Fairchild Semiconductor FAN6300HNY Datasheet HTML 14Page - Fairchild Semiconductor FAN6300HNY Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300A / FAN6300H • Rev. 1.0.1
11
Operation Description
The FAN6300A/H PWM controller integrates designs to
enhance the performance of flyback converters. An
internal valley voltage detector ensures power system
operates at Quasi-Resonant (QR) operation across a
wide range of line voltage. The following descriptions
highlight some of the features of the FAN6300A/H.
Startup Current
For startup, the HV pin is connected to the line input or
bulk capacitor through an external diode and resistor,
RHV, which are recommended as 1N4007 and 100kΩ.
Typical startup current drawn from the HV pin is 1.2mA
and it charges the hold-up capacitor through the diode
and resistor. When the VDD voltage level reaches VDD-ON,
the startup current switches off. At this moment, the VDD
capacitor only supplies the FAN6300A/H to maintain VDD
until the auxiliary winding of the main transformer
provides the operating current.
Valley Detection
The DET pin is connected to an auxiliary winding of the
transformer via resistors of the divider to generate a
valley signal once the secondary-side switching current
discharges to zero. It detects the valley voltage of the
switching waveform to achieve the valley voltage
switching. This ensures QR operation, minimizes
switching losses, and reduces EMI. Figure 17 shows
divider resistors RDET and RA. RDET is recommended as
150k
Ω to 220kΩ to achieve valley voltage switching.
When VAUX (in Figure 17) is negative, the DET pin
voltage is clamped to 0.3V.
Figure 17. Valley Detect Section
The internal timer (minimum tOFF time) prevents gate
retriggering within 8µs (3µs for H version) after the gate
signal going-low transition. The minimum tOFF limit
prevents system frequency being too high. Figure 18
shows a typical drain voltage waveform with first valley
switching.
Figure 18. First Valley Switching
Green-Mode Operation
The proprietary green-mode function provides off-time
modulation to linearly decrease the switching frequency
under light-load conditions. VFB, which is derived from
the voltage feedback loop, is taken as the reference. In
Figure 19, once VFB is lower than VN, tOFF-MIN increases
linearly with lower VFB. The valley voltage detection
signal does not start until tOFF-MIN finishes. Therefore, the
valley detect circuit is activated until tOFF-MIN finishes,
which decreases the switching frequency and provides
extended valley voltage switching. However, in very light
load condition, it might fail to detect the valley voltage
after the tOFF-MIN expires. Under this condition, an internal
tTIME-OUT signal initiates a new cycle start after a 9μs
delay (with 5µs delay for H version). Figure 20 and
Figure 21 show the two different conditions.
tOFF -M IN
VFB
1.2 V
2.1 V
2.1 m s
38/13 μ s
8/3μ s
Figure 19. VFB vs. tOFF-MIN Curve
Figure 20. QR Operation in Extended Valley Voltage
Detection Mode
Figure 21. Internal tTIME-OUT Initiates New Cycle After
Failure to Detect Valley Voltage
(with 5µs Delay for FAN6300H version)


Similar Part No. - FAN6300HNY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6300H FAIRCHILD-FAN6300H Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
ON Semiconductor
FAN6300HMY ONSEMI-FAN6300HMY Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
More results

Similar Description - FAN6300HNY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
   Highly Integrated Quasi-Resonant PWM Controller
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com