Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6753 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN6753
Description  Highly Integrated Green-Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6753 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN6753_11 Datasheet HTML 1Page - Fairchild Semiconductor FAN6753_11 Datasheet HTML 2Page - Fairchild Semiconductor FAN6753_11 Datasheet HTML 3Page - Fairchild Semiconductor FAN6753_11 Datasheet HTML 4Page - Fairchild Semiconductor FAN6753_11 Datasheet HTML 5Page - Fairchild Semiconductor FAN6753_11 Datasheet HTML 6Page - Fairchild Semiconductor FAN6753_11 Datasheet HTML 7Page - Fairchild Semiconductor FAN6753_11 Datasheet HTML 8Page - Fairchild Semiconductor FAN6753_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2011
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6753 • Rev. 1.0.3
FAN6753
Highly Integrated Green-Mode PWM Controller
Features
High-Voltage Startup
Low Operating Current: 2.7mA
Adaptive Decreasing PWM Frequency to 22KHz
Built-in Full-Range Frequency Hopping to Reduce
EMI Emission
Fixed PWM Frequency: 65KHz
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
Leading-Edge Blanking (LEB)
Synchronized Slope Compensation
Internal Auto-Recovery Open-Loop Protection
GATE Output Maximum Voltage Clamp: 18V
V
DD Under-Voltage Lockout (UVLO)
V
DD Over-Voltage Protection (OVP),
Auto Recovery / Latch for Option
Internal Auto-Recovery Sense Short-Circuit
Protection for Option
Constant Power Limit (Full AC Input Range)
Internal OTP Sensor with Hysteresis
Built-in 5ms Soft-Start Function
Built-in LATCH Pin Pull HIGH (> 5.2V)
Latch Function
Applications
General-purpose switch-mode power supplies and
flyback power converters, including:
Power Adapters
Open-Frame SMPS
Description
The highly integrated FAN6753 PWM controller provides
several features to enhance the performance of flyback
converters.
To minimize standby power consumption, a proprietary
adaptive green-mode function provides frequency
modulation at light-load conditions. To avoid acoustic-
noise problems, the minimum PWM frequency is set
above 22KHz. This green-mode function enables the
power supply to meet international power conservation
requirements. With the internal high-voltage startup
circuitry, the power loss due to bleeding resistors is also
eliminated. To further reduce power consumption,
FAN6753 is manufactured using the BiCMOS process,
which allows an operating current of only 2.7mA.
FAN6753 integrates a full-range frequency-hopping
function internally that helps reduce EMI emission of a
power supply with minimum line filters. Its built-in
synchronized slope compensation achieves stable peak-
current-mode control. The proprietary internal line
compensation ensures constant output power limit over
a wide AC input voltage range, from 90VAC to 264VAC.
FAN6753 provides many protection functions. In
addition to cycle-by-cycle current limiting, the internal
open-loop protection circuit ensures safety should an
open-loop or output short-circuit failure occur. PWM
output is disabled until VDD drops below the UVLO lower
limit, when the controller starts up again. As long as VDD
exceeds ~26V, the internal OVP circuit is triggered.
Available in the 8-pin SOP package.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing Method
FAN6753MY
-40
C to +105C
8-Lead, Small Outline Package
Tape & Reel


Similar Part No. - FAN6753_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6753MY FAIRCHILD-FAN6753MY Datasheet
500Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6753_11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com