Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCLB1104LS Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCLB1104LS
Description  Single Color PLCC-2 Type (High Reliability type, V-Series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCLB1104LS Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  VCLB1104LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VCLB1104LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VCLB1104LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCLB1104LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCLB1104LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCLB1104LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCLB1104LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCLB1104LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCLB1104LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2010.12.15
Page 1
1104LS Series
Features
・Outer Dimension 3.5 x 2.8 x 1.9mm( L x W x H )
・Wide operation temperature range.
Storage Temperature : -40℃~120℃
Operating Temperature : -40℃~100℃ Operation Guarantee
・Spatial distribution characteristics. (2θ1/2 : 120deg)
・Corresponding to a use requiring high reliability in cars etc...
・Ramification of luminosity group sorting. It is possible to have a
uniform transmission with little irregularities even when several are lined up.
・Lead–free soldering compatible
・RoHS compliant
Package
Product features
(High Reliability type, V-Series)
Single Color PLCC-2 Type
PLCC-2 Bathtub Type. Water clear resin
Dominant wavelength
Spatial distribution
Die materials
120 deg.
Rank grouping parameter
Assembly methods (customer)
Soldering methods
Taping dimensions
Sorted by luminous intensity and wavelength and taped according to rank.
Corresponding to surface mounter.
2,000pcs(standard)per reel in a 8mm width tape.
Reel diameter : φ180mm
Corresponding to reflow soldering / Manual Soldering
VC□□:InGaN、 VF□□ :AlGaInP
Blue
Green
Yellow Green
Yellow
Orange
Red
: 470nm (VCPB,VCLB)
: 525nm (VCPG,VCMG)
561nm (VFHG,VFJG,VFGG)
: 570nm (VFHP,VFJP,VFGP)
: 589nm (VFHY,VFJY,VFGY)
: 606nm (VFHA,VFJA,VFGA)
: 616nm (VFHV,VFJV,VFGV)
626nm (VFHR,VFJR,VFGR)
Recommended Applications
SW lighting for car indicators, meter panel, car audio and heater control, etc…
AlGaInP:Up to 2kV (HBM), InGaN:Up to 1kV(HBM)
※ Reference
ESD-withstand voltage


Similar Part No. - VCLB1104LS

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
VCLAMP05 FUTUREWAFER-VCLAMP05 Datasheet
1Mb / 5P
   Quad Bi-Directional Transient Suppressor For ESD array
logo
AVX Corporation
VCLD120618A400RB AVX-VCLD120618A400RB Datasheet
90Kb / 2P
   SnPb Termination Multilayer Varistors
logo
Vectron International, ...
VCLGCA-44.736 VECTRON-VCLGCA-44.736 Datasheet
101Kb / 6P
   Voltage Controlled Crystal Oscillator
VCLGCB-44.736 VECTRON-VCLGCB-44.736 Datasheet
101Kb / 6P
   Voltage Controlled Crystal Oscillator
VCLGCD-44.736 VECTRON-VCLGCD-44.736 Datasheet
101Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VCLB1104LS

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1104B STANLEY-1104B Datasheet
296Kb / 16P
   Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
VLW1148LS STANLEY-VLW1148LS Datasheet
255Kb / 13P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
VSEW1154LDS-E STANLEY-VSEW1154LDS-E Datasheet
299Kb / 20P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
1105W STANLEY-1105W Datasheet
305Kb / 16P
   Single Color Dome Lens Type (High Reliability type, V-Series)
JRGB1316LS STANLEY-JRGB1316LS Datasheet
391Kb / 15P
   PLCC-6 Type Tri-color
logo
Lite-On Technology Corp...
LTST-T680TBKT LITEON-LTST-T680TBKT Datasheet
530Kb / 9P
   Single Color PLCC-2 Type T680 Package 3.5mm(L) x 2.8mm(W)
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com