Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6206MY Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN6206MY
Description  Highly Integrated Dual-Channel Synchronous Rectification Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6206MY Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN6206MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6206MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6206MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6206MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6206MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6206MY Datasheet HTML 9Page - Fairchild Semiconductor FAN6206MY Datasheet HTML 10Page - Fairchild Semiconductor FAN6206MY Datasheet HTML 11Page - Fairchild Semiconductor FAN6206MY Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6206 • Rev. 1.0.2
8
Typical Performance Characteristics
These characteristic graphs are normalized at TA = 25°C.
150
200
250
300
350
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
150
200
250
300
350
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 13.Propagation Delay to OUT LOW 1
(Trigger by SN)
Figure 14.Propagation Delay to OUT LOW 2
(Trigger by SN)
120
140
160
180
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
120
140
160
180
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 15.Propagation Delay to OUT LOW 1
(Trigger by LPC)
Figure 16.Propagation Delay to OUT LOW 2
(Trigger by LPC)
12.0
12.5
13.0
13.5
14.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
12.0
12.5
13.0
13.5
14.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 17.Maximum On Time 1
Figure 18.Maximum On Time 2
3.0
3.5
4.0
4.5
5.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
3.0
3.5
4.0
4.5
5.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 19.Threshold Voltage of VN-VP
to Turn Off SR MOS 1
Figure 20.Threshold Voltage of VN-VP
to Turn Off SR MOS 2


Similar Part No. - FAN6206MY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
FAN6204AMX ONSEMI-FAN6204AMX Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Fairchild Semiconductor
FAN6204MY FAIRCHILD-FAN6204MY Datasheet
814Kb / 14P
   Synchronous Rectification Controller
FAN6208 FAIRCHILD-FAN6208 Datasheet
478Kb / 10P
   Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
More results

Similar Description - FAN6206MY

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
   Highly Integration USB PD Controller with Synchronous Rectification
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
   Synchronous Rectification Controller
March 2017 Rev. 1.1
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
Fairchild Semiconductor
FAN6791 FAIRCHILD-FAN6791 Datasheet
724Kb / 19P
   Highly Integrated, Dual-PWM Combination Controller
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
MC33470 ONSEMI-MC33470 Datasheet
306Kb / 16P
   SYNCHRONOUS RECTIFICATION DC/DC CONVERTER PROGRAMMABLE INTEGRATED CONTROLLER
1999 REV 1
logo
Intersil Corporation
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
   Integrated-Power Buck Converter Controller with Synchronous Rectification
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV Datasheet
733Kb / 15P
   ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com