Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5354MPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5354MPX
Description  3MHz, 3A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5354MPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5354MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
March 2011
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5354 • Rev. 1.0.5
FAN5354
3MHz, 3A Synchronous Buck Regulator
Features
3MHz Fixed-Frequency Operation
Best-in-Class Load Transient
3A Output Current Capability
2.7V to 5.5V Input Voltage Range
Adjustable Output Voltage: 0.8 to VIN•0.9
PFM Mode for High Efficiency in Light Load (Forced PWM
Available on MODE Pin)
Minimum PFM Frequency Avoids Audible Noise
270 A Typical Quiescent Current in PFM Mode
External Frequency Synchronization
Low Ripple Light-Load PFM Mode with Forced
PWM Control
Power Good Output
Internal Soft-Start
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
12-Lead 3x3.5mm MLP
Applications
Set-Top Box
Hard Disk Drive
Communications Cards
DSP Power
Description
The FAN5354 is a step-down switching voltage regulator that
delivers an adjustable output from an input voltage supply of
2.7V
to
5.5V.
Using
a
proprietary
architecture
with
synchronous rectification, the FAN5354 is capable of
delivering 3A at over 85% efficiency, while maintaining a
very high efficiency of over 80% at load currents as low as
2mA. The regulator operates at a nominal fixed frequency of
3MHz, which reduces the value of the external components
to 470nH for the output inductor and 10 F for the output
capacitor. Additional output capacitance can be added to
improve regulation during load transients without affecting
stability and inductance up to 1.2 H may be used with
additional output capacitance.
At moderate and light loads, pulse frequency modulation
(PFM) is used to operate the device in power-save mode
with a typical quiescent current of 270 A. Even with such a
low quiescent current, the part exhibits excellent transient
response during large load swings. At higher loads, the
system automatically switches to fixed-frequency control,
operating at 3MHz. In shutdown mode, the supply current
drops below 1 A, reducing power consumption. PFM mode
can be disabled if constant frequency is desired. To avoid
audible noise, the regulator limits its minimum PFM
frequency. The FAN5354 is available in 12-lead 3x3.5mm
MLP package.
Figure 1. Typical Application
Ordering Information
Part Number
Temperature Range
Package
Packing Method
FAN5354MPX
-40 to 85°C
MLP-12, 3x3.5mm
Tape and Reel


Similar Part No. - FAN5354MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5354MPX FAIRCHILD-FAN5354MPX Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5354MPX ONSEMI-FAN5354MPX Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
More results

Similar Description - FAN5354MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354 Datasheet
785Kb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com