Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3100C Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN3100C
Description  Single 2A High-Speed, Low-Side Gate Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3100C Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN3100C Datasheet HTML 4Page - Fairchild Semiconductor FAN3100C Datasheet HTML 5Page - Fairchild Semiconductor FAN3100C Datasheet HTML 6Page - Fairchild Semiconductor FAN3100C Datasheet HTML 7Page - Fairchild Semiconductor FAN3100C Datasheet HTML 8Page - Fairchild Semiconductor FAN3100C Datasheet HTML 9Page - Fairchild Semiconductor FAN3100C Datasheet HTML 10Page - Fairchild Semiconductor FAN3100C Datasheet HTML 11Page - Fairchild Semiconductor FAN3100C Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3100 • Rev. 1.0.3
8
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12V unless otherwise noted.
Figure 9. IDD (Static) vs. Supply Voltage
Figure 10. IDD (Static) vs. Supply Voltage
Figure 11. IDD (No-Load) vs. Frequency
Figure 12. IDD (No-Load) vs. Frequency
Figure 13. IDD (1nF Load) vs. Frequency
Figure 14. IDD (1nF Load) vs. Frequency


Similar Part No. - FAN3100C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100C FAIRCHILD-FAN3100C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3100C FAIRCHILD-FAN3100C Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3100C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3181 ONSEMI-FAN3181 Datasheet
984Kb / 21P
   Single 2A High-Speed, Low-Side IGBT Driver
December 2016- Rev. 1.0
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com