Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1026-BD Datasheet(PDF) 4 Page - Mimix Broadband

Part # XP1026-BD
Description  27.0-32.0 GHz GaAs MMIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1026-BD Datasheet(HTML) 4 Page - Mimix Broadband

  XP1026-BD_10 Datasheet HTML 1Page - Mimix Broadband XP1026-BD_10 Datasheet HTML 2Page - Mimix Broadband XP1026-BD_10 Datasheet HTML 3Page - Mimix Broadband XP1026-BD_10 Datasheet HTML 4Page - Mimix Broadband XP1026-BD_10 Datasheet HTML 5Page - Mimix Broadband XP1026-BD_10 Datasheet HTML 6Page - Mimix Broadband XP1026-BD_10 Datasheet HTML 7Page - Mimix Broadband XP1026-BD_10 Datasheet HTML 8Page - Mimix Broadband XP1026-BD_10 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Power Amplifier Measurements (On-Wafer1) (cont.)
Page 4 of 10
27.0-32.0 GHz GaAs MMIC
Power Amplifier
P1026-BD
XP1026-BD Vd=6.0 V, Vg=-0.9 V, Id1=80 mA
32
33
34
35
36
37
38
39
40
41
42
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
28 GHz
29 GHz
30 GHz
31 GHz
32 GHz
XP1026-BD Vd=6.0 V, Vg=-0.9 V, Id1=80 mA
0
5
10
15
20
25
30
35
40
45
50
55
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
XP1026-BD Vd=Varied, Vg=-0.8 V, Id1=95 mA
32
33
34
35
36
37
38
39
40
41
42
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Vd=4.0V
Vd=4.5V
Vd=5.0V
Vd=5.5V
Vd=6.0V
XP1026-BD Vd=Varied, Vg=-0.9 V, Id1=80 mA
32
33
34
35
36
37
38
39
40
41
42
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Vd=4.0V
Vd=4.5V
Vd=5.0V
Vd=5.5V
Vd=6.0V
6
XP1026-BD Vd=6.0 V, Vg & Id1=Varied
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
Vg=-1.1V, Id1=50 m A, Id2=132 m A, Id3=261 m A
Vg=-1.0V, Id1=64 m A, Id2=139 m A, Id3=334 m A
Vg=-0.9V, Id1=80 m A, Id2=207 m A, Id3=411 m A
Vg=-0.8V, Id1=95 m A, Id2=250 m A, Id3=491 m A
Vg=-0.7V, Id1=113 m A, Id2=295 m A, Id3=577 m A
Vg=-0.6V, Id1=131 m A, Id2=342 m A, Id3=662 m A
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 25-Jan-10
Note [1] Measurements – On-Wafer Output Power data has been taken using bias conditions as shown. Measurements are referenced 150 um in
from RF In/Out pad edge. For optimum performance Mimix T-pad transition and tuned output matching network is recommended. For additional
information see the Mimix “T-Pad Transition” application note. Contact technical sales for output matching network information.


Similar Part No. - XP1026-BD_10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1026-BD MA-COM-XP1026-BD_15 Datasheet
1Mb / 13P
   Power Amplifier
More results

Similar Description - XP1026-BD_10

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1026-BD MIMIX-XP1026-BD_07 Datasheet
263Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0557 MIMIX-30SPA0557 Datasheet
402Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0553 MIMIX-30SPA0553 Datasheet
120Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD Datasheet
284Kb / 5P
   27.0-32.0 GHz GaAs MMIC Power Amplifier
XU1004-BD MIMIX-XU1004-BD_08 Datasheet
264Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XU1004 MIMIX-XU1004_06 Datasheet
194Kb / 7P
   32.0-45.0 GHz GaAs MMIC
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
   27.0-35.0 GHz GaAs MMIC
XP1027-BD MIMIX-XP1027-BD_10 Datasheet
1Mb / 11P
   27.0-31.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
   27.0-35.0 GHz GaAs MMIC
logo
Mimix Broadband
D1008-QH MIMIX-D1008-QH Datasheet
1Mb / 9P
   30.0 kHz-32.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com