Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1019-BD Datasheet(PDF) 8 Page - Mimix Broadband

Part # XP1019-BD
Description  17.0-24.0 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1019-BD Datasheet(HTML) 8 Page - Mimix Broadband

  XP1019-BD Datasheet HTML 1Page - Mimix Broadband XP1019-BD Datasheet HTML 2Page - Mimix Broadband XP1019-BD Datasheet HTML 3Page - Mimix Broadband XP1019-BD Datasheet HTML 4Page - Mimix Broadband XP1019-BD Datasheet HTML 5Page - Mimix Broadband XP1019-BD Datasheet HTML 6Page - Mimix Broadband XP1019-BD Datasheet HTML 7Page - Mimix Broadband XP1019-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
17.0-24.0 GHz GaAs MMIC
Power Amplifier
Page 8 of 8
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body
and the environment. For safety, observe the following procedures:
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this product.This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1)
Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b)
support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in
the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical component is any component
of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
ESD - Gallium Arsenide (GaAs) devices are susceptible to electrostatic and mechanical damage. Die are supplied in antistatic
containers, which should be opened in cleanroom conditions at an appropriately grounded anti-static workstation. Devices
need careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers.
Die Attachment - GaAs Products from Mimix Broadband are 0.100 mm (0.004") thick and have vias through to the backside to
enable grounding to the circuit. Microstrip substrates should be brought as close to the die as possible. The mounting surface
should be clean and flat. If using conductive epoxy, recommended epoxies are Tanaka TS3332LD, Die Mat DM6030HK or
DM6030HK-Pt cured in a nitrogen atmosphere per manufacturer's cure schedule. Apply epoxy sparingly to avoid getting any
on to the top surface of the die. An epoxy fillet should be visible around the total die periphery. For additional information
please see the Mimix "Epoxy Specifications for Bare Die" application note. If eutectic mounting is preferred, then a fluxless gold-
tin (AuSn) preform, approximately 0.0012 thick, placed between the die and the attachment surface should be used. A die
bonder that utilizes a heated collet and provides scrubbing action to ensure total wetting to prevent void formation in a
nitrogen atmosphere is recommended. The gold-tin eutectic (80% Au 20% Sn) has a melting point of approximately 280º C
(Note: Gold Germanium should be avoided). The work station temperature should be 310ºC +/- 10ºC. Exposure to these
extreme temperatures should be kept to minimum. The collet should be heated, and the die pre-heated to avoid excessive
thermal shock. Avoidance of air bridges and force impact are critical during placement.
Wire Bonding - Windows in the surface passivation above the bond pads are provided to allow wire bonding to the die's gold
bond pads. The recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99% pure gold ribbon
with 0.5-2% elongation to minimize RF port bond inductance. Gold 0.025 mm (0.001") diameter wedge or ball bonds are
acceptable for DC Bias connections. Aluminum wire should be avoided. Thermo-compression bonding is recommended
though thermosonic bonding may be used providing the ultrasonic content of the bond is minimized. Bond force, time and
ultrasonics are all critical parameters. Bonds should be made from the bond pads on the die to the package or substrate. All
bonds should be as short as possible.
Part Number for Ordering
Description
XP1019-BD-000X
Where “X” is RoHS compliant die packed in “V” - vacuum release gel paks or
“W” - waffle trays
XP1019-BD-EV1
XP1019 die evaluation module
P1019-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2008 - Rev 10-Oct-08
Ordering Information
Caution: ESD Sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Proper ESD procedures should be followed when handling this device.


Similar Part No. - XP1019-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1019-BD-000X MIMIX-XP1019-BD-000X Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1019-BD-EV1 MIMIX-XP1019-BD-EV1 Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD_15 Datasheet
292Kb / 8P
   Power Amplifier
More results

Similar Description - XP1019-BD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
   17.0-24.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
   11.0-17.0 GHz GaAs MMIC
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
   17.0-35.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
logo
Mimix Broadband
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
   11.0-17.0 GHz GaAs MMIC Receiver
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
   17.0-27.0 GHz GaAs MMIC Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com