Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBS004 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBS004
Description  15V, 1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBS004 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBS004 Datasheet HTML 1Page - Sanyo Semicon Device SBS004 Datasheet HTML 2Page - Sanyo Semicon Device SBS004 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBS004
No.6272–2/3
trr Test Circuit
Duty
≤10%
50
100
10
--5V
trr
10
µs
Is
20ms
t
Current waveform 50Hz sine wave
⁄Rectangular wave
θ=60°
¤Rectangular wave
θ=120°
‹Rectangular wave
θ=180°
›Sine wave
θ=180°
180
°
360
°
θ
360
°
¤ ‹
Rectangular wave
Sine wave
7 0.01
23
7 0.1
0
52
2
37 1.0
5
12
10
8
6
4
2
3
Time, t -- s
IS -- t
1.0
10
2
2
3
5
100
1000
1.0
10
7
2
3
5
7
2
3
5
7
35
7
2
Reverse Voltage, VR -- V
C -- VR
f=1MHz
0
100
10
1.0
0.1
0.01
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
15
510
Reverse Voltage, VR -- V
IR -- VR
0
0
0.2
0.4
0.6
0.8
0.8
0.7
0.6
0.4
0.3
0.2
0.1
0.5
1.0
1.2
1.4
Average Forward Current, IO -- A
PF(AV) -- IO
0
0.1
0.01
0.3
0.4
0.5
0.1
0.2
1.0
10
7
5
3
2
7
5
3
2
7
5
3
2
0.6
Forward Voltage, VF -- V
IF -- VF
Ta=125
°C
25
°C
50
°C
75
°C
Ta=125°
C
25°C
50°C
75°C
100°C
IT00622
IT00623
IT00624
IT00626
IT00625


Similar Part No. - SBS004

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS001C SANYO-SBS001C Datasheet
52Kb / 2P
   15V, 500mA Rectifier
SBS005 SANYO-SBS005 Datasheet
36Kb / 3P
   30V, 1A Rectifier
logo
Cypress Semiconductor
SBS005 CYPRESS-SBS005 Datasheet
2Mb / 23P
   Power Supply Application
logo
Sanyo Semicon Device
SBS006M SANYO-SBS006M Datasheet
46Kb / 3P
   30V, 0.5A Rectifier
SBS007M SANYO-SBS007M Datasheet
42Kb / 2P
   SBS007M
More results

Similar Description - SBS004

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
SBS804 SANYO-SBS804 Datasheet
25Kb / 3P
   15V, 1A Rectifier
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
logo
Rohm
2SD1468S ROHM-2SD1468S Datasheet
73Kb / 4P
   Muting Transistor (15V, 1A)
2SB1590K ROHM-2SB1590K Datasheet
71Kb / 3P
   Power Transistor (-15V, -1A)
2SD1468S ROHM-2SD1468S_09 Datasheet
164Kb / 4P
   Muting Transistor (15V, 1A)
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
   Power Transistor (15V, 1A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com