Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17-21-BHC-XLMJY-3T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 17-21-BHC-XLMJY-3T
Description  0805 Package Chip LED(1.0mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

17-21-BHC-XLMJY-3T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  17-21-BHC-XLMJY-3T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 17-21-BHC-XLMJY-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:10.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 10
Device No:SZDSE-171-B11
Prepared date-06-Mar-2008
Prepared by: Liu xiaojuan
Technical Data Sheet
0805 Package Chip LED(1.0mm Height)
17-21/BHC-XLMJY/3T
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version
Descriptions
․The 17-21 SMD LED is much smaller than lead
frame type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Resin Color
17-21/BHC-XLMJY/3T
InGaN
Blue
Water Clear


Similar Part No. - 17-21-BHC-XLMJY-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21-BHC-XLMJY-3T EVERLIGHT-17-21-BHC-XLMJY-3T Datasheet
209Kb / 10P
   0805 Package Chip LED(1.0mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-XLMJY-3T TO-GRACE-17-21-BHC-XLMJY-3T Datasheet
1Mb / 10P
   0805 Package Chip LED(1.0mm Height)
logo
Everlight Electronics C...
17-21-BHC-XLMJY-3T EVERLIGHT-17-21-BHC-XLMJY-3T_11 Datasheet
209Kb / 10P
   0805 Package Chip LED(1.0mm Height)
More results

Similar Description - 17-21-BHC-XLMJY-3T

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
17-21-BHC-AN1P2-3T TO-GRACE-17-21-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0805 Package Chip LED (1.0mm Height)
17-21-G6C-AP1Q1B-3T TO-GRACE-17-21-G6C-AP1Q1B-3T Datasheet
715Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-ANPHY-3T TO-GRACE-17-21-T1D-ANPHY-3T Datasheet
1Mb / 12P
   0805 Package Chip LED(1.0mm Height)
logo
Everlight Electronics C...
17-21-Y2C-CP2Q2B-3T EVERLIGHT-17-21-Y2C-CP2Q2B-3T Datasheet
155Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-GHC-XS1T2M-3T EVERLIGHT-17-21-GHC-XS1T2M-3T_11 Datasheet
232Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-GPC-AK0M1B-3T EVERLIGHT-17-21-GPC-AK0M1B-3T Datasheet
164Kb / 10P
   0805 Package Chip LED (1.0mm Height)
17-21-S2C-AN1P2B-3T EVERLIGHT-17-21-S2C-AN1P2B-3T_11 Datasheet
219Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-ANPHY-3T EVERLIGHT-17-21-T1D-ANPHY-3T_11 Datasheet
281Kb / 12P
   0805 Package Chip LED(1.0mm Height)
17-21-Y2C-CN1P2B-3T EVERLIGHT-17-21-Y2C-CN1P2B-3T_11 Datasheet
197Kb / 10P
   0805 Package Chip LED(1.0mm Height)
17-21-T1D-CP2R1TY-3T EVERLIGHT-17-21-T1D-CP2R1TY-3T Datasheet
153Kb / 12P
   0805 Package Chip LED(1.0mm Height)
17-21-Y2C-CN1P2B-3T EVERLIGHT-17-21-Y2C-CN1P2B-3T Datasheet
154Kb / 10P
   0805 Package Chip LED(1.0mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com