Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1016-BD Datasheet(PDF) 6 Page - Mimix Broadband

Part # XP1016-BD
Description  43.5-46.5 GHz GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1016-BD Datasheet(HTML) 6 Page - Mimix Broadband

  XP1016-BD Datasheet HTML 1Page - Mimix Broadband XP1016-BD Datasheet HTML 2Page - Mimix Broadband XP1016-BD Datasheet HTML 3Page - Mimix Broadband XP1016-BD Datasheet HTML 4Page - Mimix Broadband XP1016-BD Datasheet HTML 5Page - Mimix Broadband XP1016-BD Datasheet HTML 6Page - Mimix Broadband XP1016-BD Datasheet HTML 7Page - Mimix Broadband XP1016-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
App Note [1] Biasing
- It is recommended to separately bias each amplifier stage
Vd1 through Vd3 at Vd(1,2,3)=5.0V with Id1=Id2=180mA and Id3=360mA.
Separate biasing is recommended if the amplifier is to be used at high levels of
saturation, where gate rectification will alter the effective gate control voltage.
For non-critical applications it is possible to parallel all stages and adjust the
common gate voltage for a total drain current Id(total)=720 mA.
[Linear Applications] -
For applications where the amplifier is being used in linear
operation, where best IM3 (Third-Order Intermod) performance is required at more
than 5dB below P1dB, it is also recommended to use active gate biasing to keep the drain currents constant as the RF power and temperature vary;
this gives the best performance and most reproducible results. Depending on the supply voltage available and the power dissipation constraints,
the bias circuit may be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense
the current.The gate voltage of the pHEMT is controlled to maintain correct drain current compensating for changes over temperature.
[Saturated Applications] -
For applications where the amplifier RF output power is saturated, the optimum drain current will vary with RF drive and
each amplifier stage is best operated at a constant gate voltage. Significant gate currents will flow at saturation and bias circuitry must allow for
drain current growth under this condition to achieve best RF output power and power added efficiency. Additionally, if the input RF power level will
vary significantly, a more negative gate voltage will result in less die heating at lower RF input drive levels where the absence of RF cooling becomes
significant. Note under this bias condition, gain will then vary with RF drive.
NOTE! -
For any application it is highly recommended to bias the output amplifier stage from both sides for best RF and thermal performance.
CAUTION!
- Also, make sure to properly sequence the applied voltages to ensure negative gate bias (Vg1,2,3) is available before applying the
positive drain supply (Vd1,2,3). Additionally, it is recommended that the device gates are protected with Silicon diodes to limit the applied voltage.
App Note [2] Bias Arrangement -
[For Individual Stage Bias]
(recommended for linear/saturated applications) - Each DC pad (Vd1,2,3 and Vg1,2,3) needs to have DC bypass
capacitance (100-200 pF) as close to the device as possible. Additional DC bypass capacitance (1 nF and 3.3 uF) is also recommended. All DC pads
have been tied together on chip and device can be biased from either side.
[For Parallel Stage Bias] (general applications) - The same as Individual Stage Bias but all the drain or gate pad DC bypass capacitors (100-200 pF)
are tied together at one point after bypass capacitance. Additional DC bypass capacitance (1 nF and 3.3 uF) is also recommended to all DC or
combination (if gate or drains are tied together) of DC bias pads. All DC pads have been tied together on chip and can be biased from either side.
NOTE!
In either arrangement, for most stable performance all unused DC pads must also be bypassed with at least 100-200 pf capacitance.
App Note [3] Material Stack-Up –
In addition to the practical aspects of bias and bias arrangement, device base
material stack-up also must be considered for best thermal performance. A well thought out thermal path
solution will improve overall device reliability, RF performance and power added efficiency.The photo shows a
typical high power amplifier carrier assembly.The material stack-up for this carrier is shown below.This stack-up
is highly recommended for most reliable performance however, other materials (i.e. eutectic solder vs epoxy,
copper tungsten/copper moly rib, etc.) can be considered/possibly used but only after careful review of material
thermal properties, material availability and end application performance requirements.
43.5-46.5 GHz GaAs MMIC
Power Amplifier
Page 6 of 8
P1016-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 15-Feb-10
Copper Block
AuSn Eutectic Solder
Alumina Substrate
Diemat DM6030HK Epoxy, ~1mil
MOLY Carrier, 25mil
Au plated
MOLY Rib, 5mil, Au plated
MMIC, 4mil


Similar Part No. - XP1016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016-BD-000V MIMIX-XP1016-BD-000V Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016-BD-EV1 MIMIX-XP1016-BD-EV1 Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1015-BD MIMIX-XP1015-BD_10 Datasheet
1,002Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1016-BD MIMIX-XP1016-BD Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
Hittite Microwave Corpo...
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD_09 Datasheet
277Kb / 9P
   2.0-22.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com