Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN102 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN102
Description  Primary-Side-Control PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN102 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN102_09 Datasheet HTML 1Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 2Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 3Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 4Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 5Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 6Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 7Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 8Page - Fairchild Semiconductor FAN102_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN102 Rev. 1.0.3
3
Marking Information
Figure 4.
Top Mark
Pin Configuration
Figure 5.
Pin Configuration
Pin Definitions
Pin #
Name
Description
1
CS
Current Sense
. This pin connects a current-sense resistor to sense the MOSFET current for
peak-current-mode control in CV mode and provides for output-current regulation in CC mode.
2
COMR
Cable Compensation
. This pin is connects a capacitor between COMR and GND for
compensation voltage drop due to output cable loss in CV mode.
3
COMI
Constant Current Loop Compensation
. This pin is connects a capacitor and a resistor
between COMI and GND for compensation current loop gain.
4
COMV
Constant Voltage Loop Compensation
. This pin is connects a capacitor and a resistor
between COMV and GND for compensation voltage loop gain.
5
VS
Voltage Sense
. This pin detects the output voltage information and discharges time base on
voltage of auxiliary winding. This pin connects two divider resistors and one capacitor.
6
GND
Ground
.
7
VDD
Power Supply
. IC operating current and MOSFET driving current are supplied using this pin.
This pin is connected to an external VDD capacitor (typically 10μF). The threshold voltages for
startup and turn-off are 16V and 5V, respectively.
8
GATE
PWM Signal Output
. This pin outputs PWM signal and includes the internal totem-pole output
driver to drive the external power MOSFET. The clamped gate output voltage is 18V.
F
- Fairchild Logo
Z- Plant Code
X- 1-Digit Year Code
Y- 1-Digit Week Code
TT- 2-Digit Die Run Code
T- Package Type (M=SOP)
P- Z: Pb Free, Y: Green Package
M- Manufacture Flow Code


Similar Part No. - FAN102_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN102MY FAIRCHILD-FAN102MY Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN102_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
   Primary-side-control PWM Controller
FAN102 FAIRCHILD-FAN102 Datasheet
959Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100_09 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com