Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAN1102W Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # TAN1102W
Description  Surface Mount IRED/Inner Lens Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

TAN1102W Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  TAN1102W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. TAN1102W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. TAN1102W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. TAN1102W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. TAN1102W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. TAN1102W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. TAN1102W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. TAN1102W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. TAN1102W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2010.03.30
Page 1
GaAlAs(DNK)
GaAs(TAN,AN)
DNK
TAN
AN
ESD-withstand voltage
2kV (HBM)
□□1102W
Surface Mount IRED/Inner Lens Type
: 865nm
: 940nm
: 950nm
DNK
TAN
AN
: θx = 60 deg., θy= 80 deg.
: θx = 80 deg., θy= 90 deg.
: θx = 60 deg., θy= 90 deg.
Package
3015 type, Water clear epoxy
Product features
・Outer Dimension 3.0 x 1.5 x 1.5mm ( L x W x H )
・Inner Lenz type
・Radiant Intensity
DNK : 2.2mW/sr TYP. (I
F=20mA)
TAN : 1.4mW/sr TYP. (I
F=20mA)
AN
: 0.8mW/sr TYP. (I
F=20mA)
・Lead–free soldering compatible
・RoHS compliant
Peak Wavelength
Half Intensity Angle
Die materials
Rank grouping parameter
Assembly method
Soldering methods
Reflow soldering
※Please refer to Soldering Conditions about soldering.
Auto pick & place machine (Auto Mounter)
Sorted by radiant intensity per rank taping
2,500pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm
Taping and reel
Recommended Applications
Car Audio, Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
Features


Similar Part No. - TAN1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
More results

Similar Description - TAN1102W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
   Surface Mount IRED/Inner Lens Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1003 SANKEN-SEC1003 Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Inner Lens)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC2004 SANKEN-SEC2004 Datasheet
28Kb / 1P
   3x2.5 Bicolor Surface Mount LED (Inner Lens)
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com