Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-42047 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-42047
Description  Power Factor Correction
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-42047 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-42047 Datasheet HTML 1Page - Fairchild Semiconductor AN-42047 Datasheet HTML 2Page - Fairchild Semiconductor AN-42047 Datasheet HTML 3Page - Fairchild Semiconductor AN-42047 Datasheet HTML 4Page - Fairchild Semiconductor AN-42047 Datasheet HTML 5Page - Fairchild Semiconductor AN-42047 Datasheet HTML 6Page - Fairchild Semiconductor AN-42047 Datasheet HTML 7Page - Fairchild Semiconductor AN-42047 Datasheet HTML 8Page - Fairchild Semiconductor AN-42047 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AN-42047
APPLICATION NOTE
2
REV. 0.9.0 8/19/04
than the capacitor voltage VCIN. If CIN is designed using the
input voltage frequency, the current will look much closer to
the input waveform (load dependent); however, any little
interruption on the mainline will cause the entire system to
react negatively. In saying that, in designing a SMPS, the
hold-up time for CIN is designed to be greater than the fre-
quency of VIN, so that if there is a glitch in VIN and a few
cycles are missed, CIN will have enough energy stored to
continue to power its load.
Figure 4. SMPS Input Without PFC
Figure 5 represents a theoretical result of VCIN(t) (shown in
the circuit in Figure 4) with a very light load, and hence, very
little discharge of CIN. As the load impedance increases,
there will be more droop from VCIN(t) between subsequent
peaks, but only a small percentage with respect to the overall
VIN (e.g. with the input being 120V, maybe a 3-5 volt droop.
As previously stated, CIN will only charge when VIN is
greater than its stored voltage, meaning that a non-PFC cir-
cuit will only charge CIN a small percentage of the overall
cycle time.
Figure 5. VIN with Charging CIN
After 90 degrees (Figure 6), the half cycle from the bridge
drops below the capacitor voltage (CIN); which back biases
the bridge, inhibiting current flow into the capacitor (via
VIN). Notice how big the input current spike of the inductor
is. All the circuitry in the supply chain (the wall wiring, the
diodes in the bridge, circuit breakers, etc) must be capable of
carrying this huge peak current. During these short periods
the CIN must be fully charged, therefore large pulses of cur-
rent for a short duration are drawn from VIN. There is a way
to average this spike out so it can use the rest of the cycle to
accumulate energy, in essence smoothing out the huge peak
current, by using power factor correction.
Figure 6. Voltage and Current Waveforms in a
Simple Rectifier Circuit
In order to follow VIN more closely and not have these high
amplitude current pulses, CIN must charge over the entire
cycle rather than just a small portion of it. Today’s non-linear
loads make it impossible to know when a large surge of cur-
rent will be required, so keeping the inrush to the capacitor
constant over the entire cycle is beneficial and allows a much
smaller CIN to be used. This method is called power factor
correction.
Boost Converters the Heart of Power
Factor Correction
Boost converter topology is used to accomplish this active
power-factor correction in many discontinuous/continuous
modes. The boost converter is used because it is easy to
implement and works well. The simple circuit in Figure 7 is
a short refresher of how inductors can produce very high
voltages. Initially, the inductor is assumed to be uncharged,
so the voltage VO is equal to VIN. When the switch closes, the
current (IL) gradually increases through it linearly since:
Voltage (VL) across it increases exponentially until it stabi-
lizes at VIN. Notice the polarity of the voltage across the
inductor, as it is defined by the current direction (inflow side
is positive). When the switch opens causing the current to
change from Imax to zero (which is a decrease, or a negative
slope). Looking at it mathematically:
or L times the change in current per unit time, the voltage
approaches negative infinity (the inductor reverses polarity).
Because the inductor is not ideal, it contains some amount of
series resistance, which loads this “infinite” voltage to a
finite number. With the switch open, and the inductor dis-
charging, the voltage across it reverses and becomes additive
with the source voltage VIN. If a diode and capacitor were
connected to the output of this circuit, the capacitor would
charge to this high voltage (perhaps after many switch
cycles). This is how boost converters boost voltage, as shown
in Figure 8.
V1
D1
Cin
R1
+
RTN
Vo (to PWM)
50
Time (s)
100
0
0
100
130
-100
-130
Vin(t)
Vc(t)
V
Input Voltage
(Full Rectified)
Input Current
Charging Bulk Input
Capacitor Voltage (Vcin)
0
180
90
270
360
Deg
=
dt
V
L
I
L
L
1
.
t
i
L
dt
di
L
V
L
=
,


Similar Part No. - AN-42047

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-42041 FAIRCHILD-AN-42041 Datasheet
213Kb / 5P
   5th-Order S-Video Filter/Driver Reduces NTSC/PAL System Parts Count
More results

Similar Description - AN-42047

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
   Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
   Power Factor Correction
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
   Power Factor Correction
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
logo
EPCOS
B25667B3397A375 EPCOS-B25667B3397A375_05 Datasheet
110Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com